Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 159 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 155Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 156Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 157Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 158Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 159Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 160Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 161Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 162Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 186 page
background image
159
AT89C5130A/31A-M
4337G–USB–11/06
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters
TA = -40
°C to +85°C; VSS = 0V; VCC = 2.7V to 5.5 V; F = 0 to 48 MHz
Ambient Temperature Under Bias:
I = industrial ........................................................-40
°C to 85°C
Storage Temperature .................................... -65
°C to + 150°C
Voltage on VCC from VSS......................................-0.5V to + 6V
Voltage on Any Pin from VSS .....................-0.5V to VCC + 0.2V
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
Symbol
Parameter
Min
Typ
(5)
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2Vcc - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3 and 4(6)
0.3
0.45
1.0
V
V
V
IOL = 100 μA
(4)
IOL = 0.8 mA
(4)
IOL = 1.6mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.3
0.45
1.0
V
V
V
IOL = 200 μA
(4)
IOL = 1.6 mA
(4)
IOL = 3.5 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3, 4 and 5
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -10 μA
IOH = -30 μA
IOH = -60 μA
VCC = 3.3V ± 10%
VOH1
Output High Voltage, port 0, ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -200 μA
IOH = -1.6 mA
IOH = -3.5 mA
VCC = 3.3V ± 10%
RRST
RST Pullup Resistor
50
100
200
k
Ω
IIL
Logical 0 Input Current ports 1, 2, 3 and 4
-50
μA
Vin = 0.45V
ILI
Input Leakage Current
±10
μA
0.45V < Vin < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
and 4
-650
μAVin = 2.0V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power-down Current
100μA
μA3.0V < VCC < 3.6V(3)
ICC
Power Supply Current
ICCOP = 0.4xF(MHz)+5
ICCIDLE = 0.3xF(MHz)+5
ICCwrite = 0.8xF(MHz)+15
VCC = 3.3V
(1)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com