Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 158 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 154Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 155Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 156Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 157Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 158Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 159Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 160Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 161Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 186 page
background image
158
AT89C5130A/31A-M
4337G–USB–11/06
Reduced EMI Mode
The ALE signal is used to demultiplex address and data buses on port 0 when used with
external program or data memory. Nevertheless, during internal code execution, ALE
signal is still generated. In order to reduce EMI, ALE signal can be disabled by setting
AO bit.
The AO bit is located in AUXR register at bit location 0. As soon as AO is set, ALE is no
longer output but remains active during MOVX and MOVC instructions and external
fetches. During ALE disabling, ALE pin is weakly pulled high.
Table 111.
AUXR Register
AUXR - Auxiliary Register (8Eh)
Reset Value = 0X0X 1100b
Not bit addressable
7654
3210
DPU
-
M0
-
XRS1
XRS0
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7DPU
Disable Weak Pull Up
Cleared to enabled weak pull up on standard Ports
Set to disable weak pull up on standard Ports
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5M0
Pulse length
Cleared to stretch MOVX control: the RD and the WR pulse length is 6 clock
periods (default).
Set to stretch MOVX control: the RD and the WR pulse length is 30 clock periods.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3XRS1
ERAM Size
XRS1
XRS0
ERAM size
0
0
256 bytes
0
1
512 bytes
1
0
768 bytes
1
1
1024 bytes (default)
2XRS0
1
EXTRAM
EXTRAM bit
Cleared to access internal ERAM using MOVX at Ri at DPTR.
Set to access external memory.
0AO
ALE Output bit
Cleared, ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if
X2 mode is used) (default).
Set, ALE is active only during a MOVX or MOVC instruction is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com