Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 161 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 157Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 158Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 159Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 160Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 161Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 162Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 163Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 164Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 186 page
background image
161
AT89C5130A/31A-M
4337G–USB–11/06
Figure 80.
ICC Test Condition, Power-down Mode
Figure 81.
Clock Signal Waveform for ICC Tests in Active and Idle Modes
LED’s
Note:
1. (TA = -20
°C to +50°C, VCC - VOL = 2 V ± 20%)
RST
EA
XTAL2
XTAL1
VSS
VCC
VCC
ICC
(NC)
P0
VCC
All other pins are disconnected.
VCC
VCC-0.5V
0.45V
0.7VCC
0.2VCC-0.1
TCLCH
TCHCL
TCLCH = TCHCL = 5ns.
Table 112.
LED Outputs DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IOL
Output Low Current, P3.6 and P3.7 LED modes
1
2
5
2
4
10
4
8
20
mA
mA
mA
2 mA configuration
4 mA configuration
10 mA configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com