Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 36Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 37Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 38Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 39Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-34
The following (1) to (5) show a flowchart of interrupt processing.
(1) Maskable interrupt
(2) Non-maskable interrupt
(3) Interrupt nesting
(4) Software interrupt
(5) Interrupt sampling timing
(Main)
D1
[4]
[2]
[3]
RETI
[1]
NMI
(Level 7)
[5]
DI instruction is executed in the main program, so that
the interrupts of only level 7 are accepted. The CPU
does not increment the IFF even if the CPU accepts
an interrupt request of level 7.
(NMI interrupt routine)
IFF
← 7
IFF
← 7
(Main)
D1
[4]
[2]
[3]
RETI
[1]
SWI3
[5]
The CPU accepts the software interrupt request
during DI status (IFF
= 7) because of the level 7.
The IFF is not changed by the software interrupts.
(SWI3 routine)
Example:
(Underline):Instruction
[1], [2], …:
Execution flow
RETI
(Main)
EI 3
[7]
[6]
RETI
[1]
INTT0
(Level 3)
[8]
If an interrupt with a level higher than the interrupt being
processed is generated, the CPU accepts the interrupt with the
higher level. The program counter which returns at e is the start
address of INTT0 interrupt routine.
(INTT0 interrupt routine)
XXX
INTT1
(Level 4)
[2]
[4]
RETI
[3]
[5]
(Main)
EI 3
[8]
[2]
[7]
RETI
[1]
INTT0
(Level 3)
[9]
During processing the interrupts of level 3, the IFF is set to 4.
When an interrupt with a level higher than level 4 is generated,
the CPU accepts the interrupt with the higher level, causing
interrupt processing to nest.
(INTT0 interrupt routine) (INTT1 interrupt routine)
IFF
← 4
IFF
← 3
[3]
INTT1
(Level 4)
[6]
[4]
[5]
IFF
← 5
IFF
← 4
(Main)
EI 1
[4]
[2]
[3]
RETI
[1]
INTT0
(Level 1)
[5]
During execution of the main program, the CPU
accepts an interrupt request. The CPU increments the
IFF so that the interrupts of level 1 are not accepted
during processing the interrupt routine.
(INTT0 interrupt routine)
IFF
← 2
IFF
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com