Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-89
Timer 2 and Timer 3 Mode Control Register
7
6
5
4
3
2
1
0
Bit symbol
T32M1
T32M0
PWM21
PWM20
T3CLK1
T3CLK0
T2CLK1
T2CLK0
T32MOD
(0028H)
Read/Write
R/W
After reset
0
0
0
0
0
0
0
0
Function
Operation mode
00: 8-bit timer
01: 16-bit timer
10: 8-bit PPG
11: 8-bit PWM
PWM cycle
00: Don’t care
01: 2
6
− 1
10: 2
7
− 1
11: 2
8
− 1
Source clock of timer 3
00: TO2TRG
01:
φT1
10:
φT16
11:
φT256
Source clock of timer 2
00:
−
01:
φT1
10:
φT4
11:
φT16
Figure 3.7.7 8-Bit Timer Related Register (3/5)
Input clock of timer 2
00
Don’t set
01
φT1 (Prescaler)
10
φT4 (Prescaler)
11
φT16 (Prescaler)
Input clock of timer 3
T32MOD
<T32M1:0> ≠ 01 T32MOD<T32M1:0> = 01
00
Comparator output
of timer 2
01
Internal clock
φT1
10
Internal clock φT16
11
Internal clock
φT256
Overflow output of
timer 2
(16-bit timer mode)
Select PWM cycle
00
Don’t care
01
(2
6
− 1) × Input clock frequency of timer 2
10
(2
7
− 1) × Input clock frequency of timer 2
11
(2
8
− 1) × Input clock frequency of timer 2
Set the operation mode of timer 2 and 3.
00
Two 8-bit timers (Timer 0 and timer 1)
01
16-bit timer
10
8-bit PPG output
11
8-bit PWM output (Timer 2)
8-bit timer (Timer 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com