Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-8
3.
Operation
This section describes the functions and basic operational blocks of TMP93CS44/S45 devices.
See the 7. “Points of Note and Restriction” for the using notice and restrictions for each block.
3.1
CPU
TMP93CS44/S45 devices have a built-in high-performance 16-bit CPU (900/L CPU). (For
CPU operation, see TLCS-900/L CPU in the previous section.)
This section describes CPU functions unique to the TMP93CS44/S45 that are not described in
the previous section.
3.1.1
Reset
When resetting the TMP93CS44/S45 microcontroller, ensure that the power supply
voltage is within the operating voltage range, and that the internal high-frequency
oscillator has stabilized. Then set the RESET input to low level at least for 10 system
clocks (16
µs at 20 MHz). Thus, when turn on the switch, be set to the power supply voltage
is within the operating voltage range, and that the internal high-frequency oscillator has
stabilized. Then hold the RESET input to low level at least for 10 system clocks.
Clock gear is initialized 1/16 mode by reset operation. It means that the system clock
mode fSYS is set to fc/32 (= fc/16 × 1/2).
When reset is accepted, the CPU sets as follows:
•
Program counter (PC) according to reset vector that is stored FFFF00H to FFFF02H.
PC<7:0>
← Stored data in location FFFF00H
PC<15:8>
← Stored data in location FFFF01H
PC<23:16>
← Stored data in location FFFF02H
•
Stack pointer (XSP) for system mode to 100H.
•
Bits IFF2 to IFF0 of status register to 111. (Sets mask register to interrupt level 7.)
•
MAX bit of status register to 1. (Sets to maximum mode.)
•
Bits RFP2 to RFP0 of status register to 000. (Sets register banks to 0.)
When reset is released, instruction execution starts from PC (Reset vector). CPU internal
registers other than the above are not changed.
When reset is accepted, processing for built-in I/Os, ports, and other pins is as follows.
•
Initializes built-in I/O registers as per specifications.
•
Sets port pins (including pins also used as built-in I/Os) to general-purpose
input/output port mode.
•
Pulls up the CLK pin to “H” level.
•
Sets the ALE pin to “L” level (the case of TMP93CS45), to High-impedance (High-Z)
(the case of TMP93CS44).
Note 1: By resetting, register in the CPU except program counter (PC), status register (SR) and
stack pointer (XSP) and the data in internal RAM are not changed.
Note 2: The CLK pin is pulled up to “H” level during reset. When the voltage is put down
externally, there is possible to cause malfunctions.
Figure 3.1.1 and Figure 3.1.2 show the reset timing chart of TMP93CS44 and
TMP93CS45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com