Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-97
(4) 8-bit PWM Output mode
This mode is valid only for timer 2. In this mode, maximum 8-bit resolution of PWM
pulse can be output.
PWM pulse is output to TO3 pin (also used as P41) when using timer 2. Timer 3 can
also be used as 8-bit timer.
Timer output is inverted when up counter (UC2) matches the set value of timer
register TREG2 or when 2n
− 1 (n = 6, 7 or 8; specified by T32MOD<PWM21:20>)
counter overflow occurs. Up counter UC0 is cleared when 2n
− 1 counter overflow
occurs.
To use this PWM mode, the following conditions must be satisfied.
(Set value of timer register)
< (Set value of 2n − 1 counter overflow)
(Set value of timer register)
≠ 0
Figure 3.7.16 8-Bit PWM Waveforms
Figure 3.7.17 shows the block diagram of this mode.
Figure 3.7.17 Block Diagram of 8-Bit PWM Mode
TREG2 and
UC2 match
TO3
tPWM
(PWM cycle)
2
n
− 1
Overflow
(Interrupt INTT2)
Selector
8-bit up counter
(UC2)
Comparator
φT1
φT4
φT16
T32MOD<T2CLK1:0>
TFF3
TREG2
Register buffer
Selector
TRDC<TR2DE>
TREG2-WR
TRUN<T2RUN>
TO3
TFFCR
<TFF3C1:0,
TFF3IE>
Shift trigger
Internal data bus
Clear
2
n
− 1
overflow
control
INTT2
T32MOD
<T32M1:0>
= 11
T32MOD
<PWM21:20>
Overflow
Invert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com