Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-56
3.5.3
Port 2 (P20 to P27)
Port 2 is an 8-bit general-purpose I/O port. I/O can be set on bit basis using the control
register P2CR and function register P2FC. All bits of the output latch P2 is set to 1 by reset,
and all bits of P2CR and P2FC are cleared to 0. Port 2 becomes the input mode with the
pull-up resistor.
In addition to functioning as a general-purpose I/O port, port 2 also shares functions as
an address data bus (A0 to A7) and an address bus (A16 to A23). Using port 2 as address
bus (A0 to A7 or A16 to A23), write 0 to output latches and be off the programmable pull-up
resistor.
Figure 3.5.4 Port 2
Direction control
(on bit basis)
Reset
P2CR write
Output
latch
P2 write
S
B
Selector
A
P2 read
Output buffer
Port 2
P20 to P27
(A0 to A7/A16 to A23)
Function control
(on bit basis)
P2FC write
B
Selector
A
S
A16 to A23
A0 to A7
S
B
Selector
A
P-ch
Programmable
pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com