Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-27
3. IDLE1 mode
In the IDLE1 mode, only the internal oscillator operates. The system clock in
the MCU stops, the CLK pin is fixed at the level “H” in the output enable
(CKOCR<CLKEN>
= “1”).
In the halt state, and interrupt request is sampled asynchronously with the
system clock, however the halt release (Restart of operation) is performed
synchronously with it.
IDLE1 mode is released by external interrupts (NMI, INT0). (See Table 3.3.5
“Halt Releasing Source and Halt Releasing Operation”.)
When the IDLE1 mode is used, setting TRUN<PRRUN> to “0” to stop 9-bit
prescaler before “HALT” instruction reduces the power consumption.
Figure 3.3.7 illustrates the timing for releasing the halt state by interrupts in
the IDLE1 mode.
Figure 3.3.7 Timing Chart of Halt Released by Interrupts in IDLE1 Mode
Address
Data
Address
Data
IDLE1 mode
X1
CLK
A0 to A23
ALE
AD0 to AD15
RD
WR
NMI
INT0
(Level)
INT0
(Rising edge)
Address
+ 2
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com