Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-7
Table 2.2.3 Pin Names and Functions (3/3)
Pin Names
Number
of Pins
I/O
Functions
I/O Port 70: I/O port (High current output available)
P70
WAIT
1
Input WAIT: Pin used to request CPU bus wait (It is active in (1 + N) WAIT mode. Set by the
bus-width/wait control register)
P71 to P77
7
I/O Port 71 to Port 77: I/O port (High current output available)
AVCC
1
Input Power supply pin for AD converter
AVSS
1
Input GND pin for AD converter (0 V)
VREFH
1
Input Pin for high-level reference voltage input to AD converter
VREFL
1
Input Pin for low-level reference voltage input to AD converter
NMI
1
Input Non-maskable interrupt request pin: Interrupt request pin with falling edge. Can also be
operated at falling and rising edges by program.
X1
1
Input High-frequency oscillator connecting pin
X2
1
Output High-frequency oscillator connecting pin
RESET
1
Input Reset: Initializes TMP93CS44/S45. (with pull-up resistor)
ALE
1
Output Address latch enable. Can be disabled for reducing noise.
CLK
1
Output Clock output: Outputs “fSYS ÷ 2” clock.
Pulled-up during reset.
Can be disabled for reducing noise.
EA
1
Input External access:
“0” should be inputted with TMP93CS45.
“1” should be inputted with TMP93CS44.
AM8/
16
AM
1
Input Address mode: Selects external data bus width.
(The case of TMP93CS44)
“1” should be inputted. The data bus width for external access is set by chip
select/WAIT control register, port 1 control register.
(The case of TMP93CS45)
“0” should be inputted with fixed 16-bit bus width or 16-bit bus interlarded with 8-bit
bus. “1” should be inputted with fixed 8-bit bus width.
VCC
2
Input Power supply pin (All VCC pins should be connected with GND (0 V).)
VSS
2
Input GND pin (0 V) (All VSS pins should be connected with GND (0 V).)
TEST1/TEST2
2
Output/Input TEST1 should be connected with TEST2 pin. Do not connect to any other pins.
Note:
Built-in pull-up resistors can be released from the pins other than the RESET pin by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com