Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-80
3.7
8-Bit Timers
TMP93CS44/S45 contains four 8-bit timers (Timer 0, 1, 2, 3), each of which can be
operated independently. The cascade connection allows these timers to be used as 16-bit
timer. The following four operating modes are provided for the 8-bit timers.
•
8-bit interval timer mode (4 timers)
•
16-bit interval timer mode (2 timers)
•
8-bit programmable square wave pulse generation (PPG: Variable duty with variable
cycle) output mode (1 timer)
•
8-bit pulse width modulation (PWM: Variable duty with constant cycle) output mode (1
timer)
Figure 3.7.1 shows the block diagram of 8-bit timer (Timer 0, 1), and Figure 3.7.2 shows
the block diagram of 8-bit timer (Timer 2, 3).
Each interval timer consists of an 8-bit up counter, 8-bit comparator, and 8-bit timer
register. Besides, timer flip-flops (TFF1, TFF3), are provided for pair of timer 0/1 and 2/3.
Among the input clock sources for the interval timers, the internal clocks of
φT1, φT4,
φT16, and φT256 are obtained from the 9-bit prescaler shown in Figure 3.7.3.
The operation modes and timer flip-flops of the 8-bit timer are controlled by five control
registers T10MOD, T32MOD, TFFCR, TRUN and TRDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com