Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 36Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-31
3.4
Interrupts
TLCS-900 interrupts are controlled by the CPU interrupt mask flip-flop <IFF2:0> and the
built-in interrupt controller.
Altogether the TMP93CS44/S45 have the following 33 interrupt sources:
Internal interrupts ............................ 26
•
Software interrupts: 8
•
Illegal instruction execution: 1
•
Interrupts from built-in I/Os: 17
External interrupts ........................... 7
•
External pins ( NMI , INT0, INT1, INT4, to INT7)
A fixed individual interrupt vector number is assigned to each interrupt source; six levels of
priority can also be assigned to each maskable interrupt. Non-maskable interrupts have a fixed
priority of 7.
When an interrupt is generated, the interrupt controller sends the value of the priority of the
interupt source to the CPU. When more than one interrupt is generated simultaneously, the
interrupt controller sends the value of the highest priority (7 for non-maskable interrupts is the
highest) to the CPU.
The CPU compares the value of the priority sent with the value in the CPU interrupt mask
register <IFF2:0>. If the value is greater than that the CPU interrupt mask register, the
interrupt is accepted. The value in the CPU interrupt mask register <IFF2:0> can be changed
using the EI instruction (Executing EI n changes the contents of <IFF2:0> to n). For example,
programming EI 3 enables acceptance of maskable interrupts with a priority of 3 or greater, and
non-maskable interrupts which are set in the interrupt controller. The DI instruction (<IFF2:0>
= 7) operates in the same way as the EI 7 instruction. Since the priority values for maskable
interrupts are 0 to 6, the DI instruction is used to disable acceptance of maskable interrupts.
The EI instruction becomes effective immediately after execution (with the TLCS-90, the EI
instruction becomes effective after execution of the subsequent instruction).
In addition to the general-purpose interrupt processing mode described above, there is also a
micro DMA processing mode. Micro DMA is a mode used by the CPU to automatically transfer
byte or word data. It enables the CPU to process interrupts such as data saves to built-in I/Os at
high speed.
Figure 3.4.1 is a flowchart showing overall interrupt processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com