Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-24
The operations in the halt state is described in Table 3.3.4.
Table 3.3.4 I/O Operation during HALT Mode
HALT mode
RUN
IDLE2
IDLE1
STOP
WDMOD<HALTM1:0>
00
11
10
01
CPU
Stop
I/O Port
Keep the state when the “HALT” instruction was executed
. See Table 3.3.7
8-bit timer
16-bit timer
Serial channel
Serial bus interface
AD converter
Watchdog timer
BLOCK
Interrupt controller
(2) How to release the HALT mode
These halt states can be released by resetting or requesting an interrupt. The halt
release sources are determined by the combinations between the states of interrupt
mask register <IFF2:0> and the HALT modes. The details for releasing the halt status
are shown in Table 3.3.5.
•
Released by requesting an interrupt
The operating released from the HALT mode depends on the interrupt enabled
status. When the interrupt request level set before executing the HALT instruction
exceeds the value of the interrupt mask register, the interrupt due to the source is
processed after releasing the HALT mode, and CPU starts executing an instruction
that follows the HALT instruction. When the interrupt request level set before
executing the HALT instruction is less than the value of the interrupt mask
register, releasing the HALT mode is not executed (in non-maskable interrupts,
interrupt processing is processed after releasing the HALT mode regardless of the
value of the mask register.)
However only for INT0 interrupts, even if the interrupt request level set before
executing the HALT instruction is less than the value of the interrupt mask
register, releasing the HALT mode is executed. In this case, interrupt processing is
not processed, and CPU starts executing the instruction next to the HALT
instruction, but the interrupt request flag is held at “1”.
Note: Usually, interrupts can release all halts status. However, the interrupts = ( NMI ,
INT0) which can release the HALT mode may not be able to do so if they are
input during the period CPU is shifting to the HALT mode (for about 3 clocks of
fFPH) with IDLE1 or STOP mode (RUN and IDLE2 are not applicable to this
case). (In this case, an interrupt request is kept on hold internally.)
If another interrupt is generated after it has shifted to HALT mode completely,
halt status can be released without difficultly. The priority of this interrupt is
compare with that of the interrupt kept on hold internally, and the interrupt with
higher priority is handled first followed by the other interrupt.
•
Release by resetting
Releasing all halt status is executed by resetting.
When the STOP mode is released by RESET, it is necessary enough resetting
time (3 ms or more) to set the operation of the oscillator to be stable.
When releasing the HALT mode by resetting, the internal RAM data keeps the
state before the “HALT” instruction is executed. However the other setting
contents are initialized. (Releasing due to interrupts keep the state before the
“HALT” instruction is executed.)
Operate
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com