Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-6
Table 2.2.2 Pin Names and Functions (2/3)
Pin Names
Number
of Pins
I/O
Functions
I/O Port 43: I/O port
Input Timer input 5: Timer 4 input
P43
TI5
INT5
1
Input Interrupt request pin 5: Interrupt request pin with rising edge
I/O Port 44: I/O port
P44
TO4
1
Output Timer output 4: Timer 4 output pin
I/O Port 45: I/O port
Input Timer input 6: Timer 5 input
P45
TI6
INT6
1
Input Interrupt request pin 6: Interrupt request pin with
programmable rising/falling edge
I/O Port 46: I/O port
Input Timer input 7: Timer 5 input
P46
TI7
INT7
1
Input
Interrupt request pin 7: Interrupt request pin with rising edge
I/O Port 47: I/O port
P47
TO6
1
Output Timer output 6: Timer 5 output pin
Input Port 50 to Port 52, Port 54 to Port 57: Input port
P50 to P52,
P54 to P57
AN0 to AN2,
AN4 to AN7
7
Input Analog input: Analog signal input for AD converter
Input Port53: Input port
Input Analog input: Analog signal input for AD converter
P53
AN3
ADTRG
1
Input AD converter external start trigger input
I/O Port 60: I/O port (with pull-up resistor)
P60
TXD0
1
Output Serial send data 0
I/O Port 61: I/O port (with pull-up resistor)
P61
RXD0
1
Input Serial receive data 0
I/O Port 62: I/O port (with pull-up resistor)
I/O Serial clock I/O 0
P62
SCLK0
0
CTS
1
Input Serial data send enable 0 (Clear to send)
I/O Port 63: I/O port (with pull-up resistor)
P63
TXD1
1
Output Serial send data 1
I/O Port 64: I/O port (with pull-up resistor)
P64
RXD1
1
Input Serial receive data 1
I/O Port 65: I/O port (with pull-up resistor)
I/O Serial clock I/O 1
P65
SCLK1
1
CTS
1
Input Serial data send enable 1 (Clear to send)
I/O Port 66: I/O port (Open-drain output)
P66
XT1
1
Input Low-frequency oscillator connecting pin
I/O Port 67: I/O port (Open-drain output)
P67
XT2
1
Output Low-frequency oscillator connecting pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com