Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-25
Table 3.3.5 Halt Releasing Source and Halt Releasing Operation
Interrupt Receiving Status
Interrupt Enable
(Interrupt level) ≥ (Interrupt mask)
Interrupt Disable
(Interrupt level) < (Interrupt mask)
HALT mode
RUN
IDLE2
IDLE1
STOP
RUN
IDLE2
IDLE1
STOP
NMI
♦
♦
♦
♦*1
−
−
−
−
INTWDT
♦
×
×
×
−
−
−
−
INT0
♦
♦
♦
♦*1
○
○
○
○*1
INT1, INT4 to INT7
♦
♦
×
×
×
×
×
×
INTT0 to INTT3
♦
♦
×
×
×
×
×
×
INTTR4 to INTTR7
♦
♦
×
×
×
×
×
×
INTTO4, INTTO5
♦
♦
×
×
×
×
×
×
INTRX0, INTTX0
♦
♦
×
×
×
×
×
×
INTRX1, INTTX1
♦
♦
×
×
×
×
×
×
INTS2
♦
♦
×
×
×
×
×
×
Interrupt
INTAD
♦
×
×
×
×
×
×
×
RESET
♦
♦
♦
♦
♦
♦
♦
♦
♦:
After releasing the HALT mode, CPU starts interrupt processing. (RESET initializes LSI.)
○:
After releasing the HALT mode, CPU starts executing an instruction that follows the HALT
instruction.
×:
It can not be used to release the HALT mode.
−:
This combination type does not exist because the priority level (Interrupt request level) of
non-maskable interrupts is fixed to highest priority level “7”.
*1:
Releasing the HALT mode is executed after passing the warm-up time.
Note:
When releasing the HALT mode is executed by INT0 interrupt of the level mode in the interrupt
enabled status, hold level “H” until starting interrupt processing. If level “L” is set before holding level
“L”, interrupt processing is correctly started.
(Example releasing “RUN” mode)
INT0 interrupt releases halt state when the RUN mode is on.
Address
8203H
LD
(IIMC), 00H
; Selects interrupt rising edge for INT0.
8206H
LD
(INTE0AD), 06H
; Sets interrupt level to “6” for INT0.
8209H
EI
5
; Sets interrupt level to “5” for CPU.
820BH
LD
(WDMOD), 00H
; Sets HALT mode to “RUN”.
820EH
HALT
; Halts CPU.
820FH
LD
XX, XX
When halt is released by reset, the states (Including those of the internal RAM)
before halt state was entered can be maintained. However, if the HALT instruction is
executed within the internal RAM, the contents of the RAM may not be maintained. In
this case, we recommend releasing the halt state using INT0.
Halt
releasing
source
INT0 interrupt routine
RETI
INT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com