Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-73
3.6.2
Address/Data Bus Pins
Port 0/AD0 to AD7, port 1/AD8 to AD15/A8 to A15 and port 2/A16 to A23/A0 to A7
function as address/data bus for connecting the external memories and so on.
(1)
(2)
(3)
(4)
Products
TMP93CS45F (Note 4)
TMP93CS44F (Note 2), (Note 3)
Number of Address Bus
Pins
Max 24 (to 16 Mbytes) Max 24 (to 16 Mbytes) Max 16 (to 64 Kbytes)
Max 8 (to 256 bytes)
Number of Data Bus
Pins
8
16
8
16
Number of Multiplexed
Pins
8
16
0
0
EA
VIL
VIH
Mode Pins
AM8/
16
AM
VIH
VIL
VIH
Port 0
AD0 to AD7
AD0 to AD7
AD0 to AD7
AD0 to AD7
Port 1
A8 to A15
AD8 to AD15
A8 to A15
AD8 to AD15
Port
Function
Port 2
A16 to A23
A16 to A23
A0 to A7
A0 to A7
Timing Chart
Note 1: In case of (3) and (4), the data bus signals output the addresses since the signals are
also used as the address bus. Writing “0” to bit CKOCR<ALEEN>, ALE signal can be
stopped outputting.
Note 2: After reset operation, port 0, port 1 and port 2 of TMP93CS44F function as input
ports.
Note 3: In case of TMP93CS44F, all (1) to (4) can be available using P1CR, P1FC, P2CR
and P2FC registers.
Note 4: In case of TMP93CS45F, case (3) and (4) cannot be available.
A23 to 8
A23 to 8
AD7 to 0
A7
to 0
D7
to 0
ALE
RD
A23 to 16
A23 to 16
AD15 to 0
A15
to 0
ALE
RD
D15
to 0
A7 to 0
A7 to 0
AD15 to 0
A15
to 0
ALE
RD
D15
to 0
(Note 1)
A15 to 0
A15 to 0
AD7 to 0
A7
to 0
D7
to 0
ALE
RD
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com