Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 67Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-66
3.5.7
Port 6 (P60 to P67)
•
Ports 60 to 65
Ports 60 to 65 are a 6-bit general-purpose I/O port. I/Os can be set on a bit basis.
Resetting sets P60 to P65 to an input port and connects a pull-up resistor.
It also sets all bits of the output latch register to 1.
In addition to functioning as a general-purpose I/O port, P60 to P65 can also share
function as an I/O for serial channels 0 and 1. Writing “1” in the corresponding bit of
the Port 6 function register (P6FC) enables this function.
Resetting sets the function register value to 0 and sets all bits to input ports.
•
Port 66 and port 67
Port 66 and port 67 are a 2-bit general-purpose I/O port. I/Os can be set on a bit
basis.
The output buffer for P66, P67 is an open-drain type buffer.
Resetting outputs high-impedance (High-Z) because output latch and control
register are set to 1.
In addition to functioning as a general-purpose I/O port, P66, P67 can also function
as a low-frequency oscillator connecting pin (XT1, XT2) for dual clock mode. The dual
clock function can be set by programming system clock control registers SYSCR0,
SYSCR1.
(1) Port 60 (TXD0) and port 63 (TXD1)
Port 60 and port 63 also function as serial channel TXD output pins in addition to I/O
ports.
They have a programmable open-drain function.
Figure 3.5.15 Ports 60 and 63
Direction control
(on bit basis)
Reset
P6CR write
P6 write
P6 read
Open-drain
possible
ODE<ODE63:60>
P60 (TXD0)
P63 (TXD1)
Function control
(on bit basis)
P6FC write
Programmable
pull up
P-ch
TXD0, TXD1
S
Output latch
S
B
Selector
A
S
A
Selector
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com