Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-91
Timer Register Double Buffer Control Register
7
6
5
4
3
2
1
0
Bit symbol
TR2DE
−
TRDC
(0029H)
Read/Write
R/W
After reset
0
0
Function
0: Double
buffer
disable
1: Double
buffer
enable
Always
write “0”.
Figure 3.7.9 8-Bit Timer Related Register (5/5)
(1) 8-bit timer mode
Four interval timers 0, 1, 2, 3 can be used independently as 8-bit interval timer.
1. Generating interrupts in a fixed cycle (in case of timer 1)
To generate timer 1 interrupt at constant intervals using timer 1 (INTT1), first
stop timer 1 then set the operation mode, input clock, and a cycle to T10MOD and
TREG1 register, respectively. Then, enable interrupt INTT1 and start the
counting of timer 1.
Example: To generate timer 1 interrupt every 1 second at fs
= 32 kHz, set each register in the following manner.
* Clock condition
System clock:
Low frequency (fs)
Prescaler clock: Low frequency (fs)
MSB
LSB
7
6
5
4
3
2
1
0
TRUN
← − X − − − − 0 −
Stop timer 1, and clear it to “0”.
T10MOD
← 0 0 X X 1 0 − −
Set the 8-bit timer mode, and select
φT16 (4 ms at fs = 32
kHz) as the input clock.
TREG1
← 1 1 1 1 1 0 1 0
Set the timer register 1 s
÷ φT16 = 250 = FAH
INTET10
← 1 1 0 1 − − − −
Enable INTT1, and set it to Level 5.
TRUN
← 1 X − − − − 1(
Start timer 1 counting.
X: Don’t care, (: No change
Use the Table 3.7.1 for selecting the input clock.
Note:
The input clock of timer 0 and timer 1 are different from as follows.
Timer 0: TI0 input, (T1, (T4, (T16.
Timer 1: Match output of timer 0, (T1, (T16, (T256.
Operation of timer register 2 double butter
0
Disable
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com