Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-30
Table 3.3.7 Pin States in STOP Mode
TMP93CS44
TMP93CS45
Pin Name
I/O
<DRVE> = 0
<DRVE> = 1
<DRVE> = 0
<DRVE> = 1
Input mode
▲
▲
×
×
Output mode
High-Z
Output
×
×
P00 to P07
AD0 to AD7
High-Z
High-Z
High-Z
High-Z
Input mode
▲
▲
×
×
Output mode/A8 to A15
High-Z
Output
×
×
P10 to P17
AD8 to AD15
High-Z
High-Z
High-Z
High-Z
Input mode
▲
▲
▲
▲
P20 to P27
Output mode A0 to A7/A16 to
A23
▲
Output
▲
Output
P30 (RD), P31 (WR)
Output
High-Z
Output
High-Z
“H” level output
Input mode
PU*
PU
P32 (HWR/SCK)
Output mode
PU*
Output
Input mode
Invalid
Invalid
P33 to P35
Output mode
High-Z
Output
Input mode
Invalid
Invalid
P40 to P47
Output mode
High-Z
Output
P50 to P57
Input
▲
▲
Input mode
PU*
PU
P60 to P65
Output mode
PU*
Output
Input mode
Invalid
Invalid
P70 to P77
Output mode
High-Z
Output
NMI
Input
Input
Input
ALE
Output (<ALEEN>
= 1)
“L” level output
“L” level output
CLK
Output (<CLKEN>
= 1)
High-Z
“H” level output
RESET
Input
Input
Input
The same as for
TMP93CS44
EA
Input
“H” level fix
“H” level fix
“L” level fix
“L” level fix
AM8/
16
AM
Input
“H” level fix
“H” level fix
Input
Input
X1
Input
Invalid
Invalid
X2
Output
“H” level output
“H” level output
Input mode
Invalid
Invalid
Output mode
High-Z
Output*
P66
XT1
■
■
Input mode
Invalid
Invalid
Output mode
High-Z
Output*
P67
XT2
■
■
The same as for
TMP93CS44
Input:
Input gate in operation. Fix input voltage to 0 or 1 so that the input pin stays constant.
Output:
Output state.
Output*: Open-drain output state. Input gate in operation. Set output to “L” or attach pull up on pin so that the input gate stays
constant.
Invalid:
Input is not accepted.
High-Z:
Output is at high impedance.
PU:
Programmable pull-up pin in input gate in operation. Fix the pin to avoid through current since the input gate
operates when a pull-up pin resistor is not set.
PU*:
Programmable pull-up pin in input gate disable state. No through current even if the pin is set to high impedance.
▲:
When a HALT instruction is executed and the CPU stops at the address of the port register, an input gate operates.
Fix the pin to avoid through current, and change the program.
×:
Cannot set.
■:
To connect a low-frequency resonator to port 66 and port 67, it is necessary to set the following procedures to reduce
the consumption power supply.
(Connecting to a resonater)
Set P6CR<P66C:67C>
= “11”, P6<P66:67> = “00”
(Connecting to an oscillator)
Set P6CR<P66C:67C>
= “11”, P6<P66:67> = “10”
Note: Port registers are used for controlling programmable pull up. If a pin is also used for an output function (e.g., TO3) and
the output function is specified, whether pull up is selected depends on the output function data. If a pin is also used for
an input function, whether pull up is selected depends on the port register setting value only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com