Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-95
In this mode, a programmable square wave is generated by inverting timer output
each time the 8-bit up counter (UC2) matches the timer registers TREG2 and TREG3.
However, it is required that the set value of TREG2 is smaller than that of TREG3.
Though the up counter (UC3) of timer 3 is not used in this mode, UC3 should be set
for counting by setting TRUN<T3RUN> to 1.
Figure 3.7.14 shows the block diagram for this mode.
Figure 3.7.14 Block Diagram of 8-Bit PPG Output Mode
When the double buffer of TREG2 is enabled in this mode, the value of register
buffer will be shifted in TREG2 each time TREG3 matches UC2.
Use of the double buffer makes easy the handling of low duty waves (when duty is
varied).
Figure 3.7.15 Operation of Register Buffer
Q2
Q1
Match with TREG2
and up counter
Match with TREG 3
Q3
Q2
(Up counter
= Q1)
(Up counter
= Q2)
Shift from register buffer
TREG 2 (Register buffer)
write
TREG2
(Value to be compared)
Register buffer
Selector
8-bit
up counter
(UC2)
Comparator
Comparator
φT1
φT4
φT16
T32MOD<T2CLK1:0>
TFF3
TREG2
Register buffer
TREG3
Selector
TRDC<TR2DE>
TREG2-WR
TRUN<T2RUN>
TO3
TFFCR
<TFF3C1:0, TFF3IE>
INTT2
INTT3
Shift trigger
Internal data bus
Inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com