Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-99
Table 3.7.2 PWM Cycle
at fc
= 20 MHz, fs = 32.768 kHz
PWM Cycle
2
6
− 1
2
7
− 1
2
8
− 1
Select
System
Clock
<SYSCK>
Select
Prescaler
Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φT1
φT4
φT16
φT1
φT4
φT16
φT1
φT4
φT16
1 (fs)
XXX
15.4 ms
61.5 ms
246 ms
31.0 ms
124 ms
496 ms
62.3 ms
249 ms
996 ms
000 (fc)
25.2
µs
100.8
µs
403.2
µs
50.8
µs
203.2
µs812.8 µs
102.0
µs
408.0
µs
1.63 ms
001 (fc/2)
50.4
µs
201.6
µs
806.4
µs
101.6
µs
406.4
µs1.63 ms
204.0
µs
816.0
µs
3.26 ms
010 (fc/4)
100.8
µs
403.2
µs1.61 ms
203.2
µs
812.8
µs3.26 ms
408.0
µs
1.63 ms
6.53 ms
011 (fc/8)
201.6
µs
806.4
µs3.23 ms
406.4
µs1.63 ms
6.52 ms
816.0
µs
3.26 ms
13.06 ms
0 (fc)
00
(fFPH)
100 (fc/16)
403.2
µs1.61 ms
6.45 ms
812.8
µs3.25 ms
13.04 ms
1.63 ms
6.53 ms
26.11 ms
XXX
01
(Low-frequency
clock)
XXX
15.4 ms
61.5 ms
246 ms
31.0 ms
124 ms
496 ms
62.3 ms
249 ms
996 ms
XXX
10
(fc/16 clock)
XXX
403.2
µs1.61 ms
6.45 ms
812.8
µs3.25 ms
13.04 ms
1.63 ms
6.53 ms
26.11 ms
XXX: Don’t care
(5) Timer mode setting registers
Table 3.7.3 shows the list of 8-bit timer modes.
Table 3.7.3 Timer Mode Setting Register
Register Name
T10MOD/T32MOD
TFFCR
Name of Function in
Register
T10M/T32M
PWM2
T1CLK/T3CLK
T0CLK/T2CLK
TFF1IS/TFF3IS
Function
Timer Mode
PWM Cycle
Upper Timer
Input Clock
Lower Timer
Input Clock
Timer F/F Invert
Signal Select
16-bit timer mode
01
*
−
−
External clock
(Only timer 0),
φT1, φT4, φT16
(00, 01, 10, 11)
−
8-bit timer
× 2 channels
00
*
−
Lower timer
match,
φT1, 16, 256
(00, 01, 10, 11)
External clock
(Only timer 0),
φT1, φT4, φT16
(00, 01, 10, 11)
0: Lower timer
output
1: Upper timer
output
8-bit PPG
× 1 channel
*
10
*
−
*
−
* External clock
(Only timer 0),
φT1, φT4, φT16
(00, 01, 10, 11)
*
−
8-bit PWM
× 1 channel
*
11
*
2
6
− 1, 27 − 1, 28 − 1
(01, 10, 11)
*
−
* External clock
(Only timer 0),
φT1, φT4, φT16
(00, 01, 10, 11)
*
−
8-bit timer
× 1 channel
*
11
−
φT1, φT16, φT256
(01, 10, 11)
−
Output disabled
−: Don’t care, *: Don’t set in T10MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com