Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-5
2.2
Pin Names and Functions
The names of input/output pins and their functions are described below.
Table 2.2.1 to Table 2.2.3 show “Pin Names and Functions”.
Table 2.2.1 Pin Names and Functions (1/3)
Pin Names
Number
of Pins
I/O
Functions
I/O Port 0: I/O port that allows selection of I/O on a bit basis
P00 to P07
AD0 to AD7
8
3 states Address/data (Lower): Bits 0 to 7 for address/data bus
I/O Port 1: I/O port that allows selection of I/O on a bit basis
3 states Address/data (Upper): Bits 8 to 15 for address/data bus
P10 to P17
AD8 to AD15
A8 to A15
8
Output Address: Bits 8 to 15 for address bus
I/O Port 2: I/O port that allows selection of I/O on a bit basis
(with pull-up resistor)
Output Address: Bits 0 to 7 for address bus
P20 to P27
A0 to A7
A16 to A23
8
Output Address: Bits 16 to 23 for address bus
Output Port 30: Output port
P30
RD
1
Output Read: Strobe signal for reading external memory
Output Port 31: Output port
P31
WR
1
Output Write: Strobe signal for writing data on pins AD0 to AD7
I/O Port 32: I/O port (with pull-up resistor)
Output High write: Strobe signal for writing data on pins AD8 to AD15
P32
HWR
SCK
1
I/O Mode clock SBI SIO mode clock
I/O Port 33: I/O port
Output Serial send data
P33
SO
SDA
1
I/O SBI I
2C bus mode channel data
I/O Port 34: I/O port
Input Serial receive data
P34
SI
SCL
1
I/O SBI I
2C bus mode clock
I/O Port 35: I/O port
P35
INT0
1
Input Interrupt request pin 0: Interrupt request pin with programmable level/rising edge
I/O Port 40: I/O port
Input Timer input 0: Timer 0 input
P40
TI0
INT1
1
Input Interrupt request pin 1: Interrupt request pin with rising edge
I/O Port 41: I/O port
P41
TO3
1
Output Timer output 3: 8-bit timer 3 output
I/O Port 42: I/O port
Input Timer input 4: Timer 4 input
P42
TI4
INT4
1
Input Interrupt request pin 4: Interrupt request pin with
programmable rising/falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com