Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-18
(1) Switching from NORMAL to SLOW mode
When the resonator is connected to X1, X2, or XT1, XT2 pin, the warm-up timer is
used to change the operation frequency after getting stabilized oscillation.
The warm-up time can be selected by WDMOD<WARM>.
This starting and ending of warm-up timer are performed like the following example
1, 2 by program.
Note 1: The warm-up timer is also used as a watchdog timer. So, when it is used as a
warm-up timer, the watchdog timer must be disabled.
Note 2: The case of using oscillator (Not resonator) with stabilized oscillation, a warm-up
timer is not need.
Note 3: The warm-up timer is operated by a oscillation clock. Therefore, warm-up time has
an error.
Table 3.3.2 Warm-up Time
Warm-up Time
WDMOD<WARM>
Change to NORMAL
Change to SLOW
0 (2
14/frequency)
0.8192 (ms)
500 (ms)
1 (216/frequency)
3.2768 (ms)
2000 (ms)
at fc
= 20 MHz, fs = 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com