Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-84
The clock selected among fFPH clock, fc/16 clock, and fs clock is divided by 4 and
input to this prescaler. This is selected by prescaler clock selection register
SYSCR0<PRCK1:0>.
Resetting sets <PRCK1:0> to “00”, therefore fFPH/4 clock is input.
The 8-bit timer selects between 4 clock inputs:
φT1, φT4, φT16, and φT256 among the
prescaler output.
This prescaler can be run or stopped by the timer control register TRUN<PRRUN>.
Counting starts when <PRRUN> is set to “1”, while the prescaler is cleared to zero and
stops operation when <PRRUN> is set to “0”.
When the IDLE1 mode (Operates only oscillator) is used, set TRUN<PRRUN> to “0”
to stop this prescaler before “HALT” instruction is executed.
2. Up counter
This is an 8-bit binary counter which counts up by the input clock pulse specified by
T10MOD and T32MOD.
The input clock of timer 0, 2 are selected from the external clock from TI0 (Only
timer 0) pin and the three internal clocks
φT1, φT4, and φT16, according to the set
value of T10MOD/T32MOD registers.
The input clock of timer 1 and 3 differs depending on the operation mode. When set
to 16-bit timer mode, the overflow outputs of timer 0 and 2 are used as the input clock.
When set to any other mode than 16-bit timer mode, the input clock is selected from
the internal clocks
φT1, φT16, and φT256 as well as the comparator output (Match
detection signal) of timer 0, 2 according to the set value of T10MOD and T32MOD
registers.
Example: When T10MOD<T10M1:0>
= 01, the overflow output of timer 0 becomes the
input clock of timer 1 (16-bit timer mode).
When T10MOD<T10M1:0>
= 00 and T10MOD<T1CLK1:0> = 01, φT1
becomes the input of timer 1 (8-bit timer mode).
Operation mode is also set by T10MOD and T32MOD registers. When reset, it is
initialized to T10MOD<T10M1:0>
= 00 and T32MOD<T32M1:0> = 00 whereby the up
counter is placed in the 8-bit timer mode.
The counting and stop and clear of up counter can be controlled for each interval
timer by the timer operation control register TRUN. When reset, all up counters will be
cleared to stop the timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com