Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-21
(2) Clock gear controller
When the high-frequency clock fc is selected at SYSCR1<SYSCK>
= “0”, the clock
gear select register SYSCR1<GEAR2:0> sets fFPH to either fc, fc/2, fc/4, fc/8, fc/16.
Switching fFPH with the clock gear reduces the power consumption.
Clock setting example 3:
Changing gear value of the high-frequency clock
SYSCR1
EQU
006FH
LD
(SYSCR1), XXXX0000B
; Changes fSYS to fc/2.
LD
(SYSCR1), XXXX0100B
; Changes fSYS to fc/32.
X: Don’t care
(High-frequency clock gear changing)
To change the frequency of the clock gear, write the value to SYSCR1<GEAR2:0>
register. It is necessary to continue the warm-up time until changing after writing
the register value.
There is a possibility that the instruction next to the clock gear changing
instruction is executed by the clock gear before changing. To execute the
instruction next to the clock gear changing instruction by the clock gear after
changing, input the dummy instruction (Instruction to execute the write cycle) as
follows.
Example: SYSCR1
EQU
006FH
LD
(SYSCR1), XXXX0001B
; Changes fSYS to fc/4.
LD
(DUMMY), 00H
; Dummy instruction.
X: Don’t care
Instruction to be executed by the clock gear after changing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com