Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-61
Port 3 Register
7
6
5
4
3
2
1
0
Bit symbol
P35
P34
P33
P32
P31
P30
P3
(0007H)
Read/Write
R/W
After reset
1
1
1
1
1
1
Function
Input mode
Input mode
(pulled up)
Output mode
Note 1:
When port 32 is used in the input mode, P3 register controls the built-in pull-up resistor. Read-modify-write
is prohibited in the input mode or the I/O mode.
Setting the built-in pull-up resistor may be depended on the states of the input pin.
Port 3 Control Register
7
6
5
4
3
2
1
0
Bit symbol
P35C
P34C
P33C
P32C
P3CR
(000AH)
Read/Write
W
After reset
0
0
0
0
Function
0: Input
1: Output
Prohibit
read-
modify-
write
Port 3 Function Register
7
6
5
4
3
2
1
0
Bit symbol
P32M
P34F
P33F
P32F
P31F
P30F
P3FC
(000BH)
Read/Write
W
W
After reset
0
0
0
0
0
0
Function
0: HWR
1: SCK
0: Port
1: SCL/SI
0: Port
1: SDA/SO
0: Port
1: P32M
0: Port
1: WR
0: Port
1: RD
Prohibit
read-
modify-
write
Note 2: When P33 and P34
are used as the serial
bus interface I/O pins
in I
2C bus mode
(P3FC<P34F:P33F>
= 11), set open-drain
outputs
(ODE<ODE34:33>
=
11).
Figure 3.5.9 Registers for Port 3
I/O setting
0
Input
1
Output
P34 function setting (Note 2)
<P34C>
<P34F>
0
1
0
Input port
Output port
1
Input SI
I/O SCL
P33 function setting (Note 2)
<P33C>
<P33F>
0
1
0
Input port
Output port
1
Don’t set
I/O SDA/
Output SO
P32 function setting
<P32M>
<P32F>
0
1
0
Port
1
Output
“ HWR ”
Input/output
“SCK”
P31 ( RD ) function setting
<P30>
<P30F>
0
1
0
“0” output
“1” output
1
Always RD
output (for
pseudo
SRAM)
RD
output
only for
external
access
P31 ( WR ) function setting
<P31>
<P31F>
0
1
0
“0” output
“1” output
1
WR
output only for external
access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com