Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-23
3.3.4
Standby Controller
(1) HALT mode
When the HALT instruction is executed, the operating mode changes RUN, IDLE2,
IDLE1 or STOP mode depending on the contents of the HALT mode setting register
WDMOD<HALTM1:0>. Figure 3.3.5 shows the alternative states of watchdog timer
mode registers.
Watchdog Timer Mode Register
7
6
5
4
3
2
1
0
Bit symbol
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
WDMOD
(005CH)
Read/Write
R/W
After reset
1
0
0
0
0
0
0
0
Function
Watchdog
timer
control
0: Disable
1: Enable
Watchdog timer detect
time selection
00: 215/fSYS
01: 217/fSYS
10: 219/fSYS
11: 221/fSYS
Warm-up
timer
0: 2
14/clock
frequency
selection
1: 2
16/clock
frequency
selection
HALT mode selection
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDLE2 mode
Runaway
detection
internal reset
control
1: Executes
internal reset
by runaway
detection
STOP
mode pin
control
1: Drive
pins in
STOP
mode
Figure 3.3.5 Watchdog Timer Mode Register
The futures of RUN, IDLE2, IDLE1 and STOP modes are as follows.
1. RUN:
Only the CPU halts; power consumption remains unchanged.
2. IDLE2: The built-in oscillator and the specified I/O operates.
The power consumption is reduced to 1/2 than that during NORMAL
operation.
3. IDLE1: Only the built-in oscillator operates, while all other built-in circuits stop.
Consumption is reduced to 1/5 or less than that during NORMAL
operation.
4. STOP: All internal circuits including the built-in oscillator stop.
This greatly reduces power consumption.
Warm-up time selection at returning from the stop
mode (see Table 3.3.6)
0
214/select clock frequency
1
216/select clock frequency
Pin state control in STOP mode
0
I/O off
1
Retains the state before halt
HALT mode setting
00
RUN mode (Only CPU stop)
01
STOP mode (All circuits stop)
10
IDLE1 mode (Only oscillator operating)
11
IDLE2 mode (Partial I/O operating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com