Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 106 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 106 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 110Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-104
Timer 4 Flip-Flop Control Register
7
6
5
4
3
2
1
0
Bit symbol
CAP2T4
CAP1T4
EQ5T4
EQ4T4
TFF4C1
TFF4C0
T4FFCR
(0039H)
Read/Write
R/W
W
After reset
0
0
0
0
1
1
TTF4 invert trigger
0: Disable trigger
1: Enable trigger
Function
Invert when
the UC
value is
loaded to
CAP2
Invert when
the UC
value is
loaded to
CAP1
Invert when
the UC
matches
TREG5
Invert when
the UC
matches
TREG4
00: Invert TFF4
01: Set TFF4
10: Clear TFF4
11: Don’t care
Always read as “11”.
Figure 3.8.4 16-Bit Timer/Event Counter Related Register (2/6)
Timer flip-flop 4 (TFF4) control
00
Inverts the TFF4 value (Software inversion).
01
Sets TFF4 to “1”.
10
Clear TFF4 to “0”.
11
Don’t care (Always read as “11”.)
Invert when the UC matches TREG4
Timer flip-flop 4 (TFF4) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Invert when the UC matches TREG5
Timer flip-flop 4 (TFF4) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Invert when the UC value is loaded to CAP1
Timer flip-flop 4 (TFF4) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Invert when the UC value is loaded to CAP2
Timer flip-flop 4 (TFF4) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com