Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 220 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 220 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 216Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 217Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 218Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 219Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 220Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 221Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 222Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 223Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 224Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 220 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-218
7.
Points of Note and Restriction
(1) Notation
1. Explanation of a built-in I/O register: Register symbol<Bit symbol>
Example: TRUN<T0RUN> … Bit T0RUN of register TRUN
2. Read-modify-write instruction
An instruction in which the CPU executes following by one instruction.
1. CPU reads data of the memory.
2. CPU modifies the data.
3. CPU writes the data to the same memory.
Example 1: SET
3, (TRUN) … Set bit3 of TRUN
Example 2: INC
1, (100H)
… Increment the data of 100H
•
A sample read-modify-write instructions using the TLCS-900
Exchange
EX
(mem), R
Arithmetic operation
ADD (mem), R/#
ADC (mem), R/#
SUB
(mem), R/#
SBC
(mem), R/#
INC
#3, (mem)
DEC #3, (mem)
Logical operation
AND (mem), R/#
OR
(mem), R/#
XOR (mem), R/#
Bit manipulation
STCF #3/A, (mem)
SET
#3, (mem)
RES
#3, (mem)
TSET #3, (mem)
CHG #3, (mem)
Rotate and shift
RLC
(mem)
RRC
(mem)
RL
(mem)
RR
(mem)
SLA
(mem)
SRA
(mem)
SLL
(mem)
SRL
(mem)
RLD
(mem)
RRD (mem)
3. fc, fs, fFPH, fSYS, 1 state
The clock frequency input from pins X1 and X2 pin is called fc, and the clock frequency
input from XT1, XT2 pin is called fs. The clock frequency selected by SYSCR1<SYSCK,
GEAR2:0>is called system clock fFPH, and the clock frequency given by fFPH divided by 2 is
called fSYS. One cycle of fSYS is called 1 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com