Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 56 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 56 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 52Page - Qorvo, Inc ACT88430 Datasheet HTML 53Page - Qorvo, Inc ACT88430 Datasheet HTML 54Page - Qorvo, Inc ACT88430 Datasheet HTML 55Page - Qorvo, Inc ACT88430 Datasheet HTML 56Page - Qorvo, Inc ACT88430 Datasheet HTML 57Page - Qorvo, Inc ACT88430 Datasheet HTML 58Page - Qorvo, Inc ACT88430 Datasheet HTML 59Page - Qorvo, Inc ACT88430 Datasheet HTML 60Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
56 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
The EXT_EN pin is not functional with CMI 106. Leave the EXT_EN pin floating.
nRESET
nRESET is not functional with CMI 106. Leave the nRESET pin floating.
nRESET_AUX1
The nRESET_AUX1 is triggered from Buck3. It goes high 2ms after Buck3 goes into regulation.
nRESET_AUX2
The nRESET_AUX2 pin is not functional with CMI 106. Leave the nRESET_AUX2 pin floating.
EXT_PG
EXT_PG is the DVS control input for Buck3. When EXT_PG = L, Buck4 = 1.5V. When EXT_PG = H, Buck4 = 1.35V.
MODE
The MODE pin must be pulled high.
GPIO
The GPIO pin is the DVS control input for Buck4. When GPIO = L, Buck4 = 1.8V. When GPIO = H, Buck4 = 1.2V.
Buck1/2/3 Voltage Setting
Buck1/2/3 reference voltage is 0.8V. This sets the allowable voltage range between 0.8V to 3.988V in 12.5mV steps.
LDO1 Voltage Setting
LDO1 is configured as load switch with CMI106.
LDO2/3 Voltage Setting
The LDO2/3 reference voltage is 0.8V. This sets the allowable voltage range between 2.0V to 3.575V in 25mV steps.
Note that LDO3 is off by default, but can be enabled via I2C.
Device ID
The CMI 106 Device ID (register 0x7Dh) = 0x06h
I2C Address
The CMI 106 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com