Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 8Page - Qorvo, Inc ACT88430 Datasheet HTML 9Page - Qorvo, Inc ACT88430 Datasheet HTML 10Page - Qorvo, Inc ACT88430 Datasheet HTML 11Page - Qorvo, Inc ACT88430 Datasheet HTML 12Page - Qorvo, Inc ACT88430 Datasheet HTML 13Page - Qorvo, Inc ACT88430 Datasheet HTML 14Page - Qorvo, Inc ACT88430 Datasheet HTML 15Page - Qorvo, Inc ACT88430 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
12 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
POK OV Interrupt Threshold Rising - 3.3V
Input Setting (VIN_LVL=0,
VIN_FULL_RANGE = 0)
POK_SET=00 (110% of 3.3V)
POK_SET=01 (112% of 3.3V)
POK_SET=10 (114% of 3.3V)
POK_SET=11 (Disable)
3.53
3.6
3.66
N/A
3.63
3.7
3.76
N/A
3.73
3.8
3.86
N/A
V
POK OV Interrupt Threshold Rising – 5V
Input Setting (VIN_LVL=0,
VIN_FULL_RANGE = 1)
POK_SET=00 (110% of 5V)
POK_SET=01 (112% of 5V)
POK_SET=10 (114% of 5V)
POK_SET=11 (Disable)
5.33
5.43
5.53
N/A
5.50
5.60
5.70
N/A
5.67
5.77
5.87
N/A
V
POK OV Interrupt Threshold Rising - 5V
Input Setting (VIN_LVL=1)
POK_SET=00 (110% of 5V)
POK_SET=01 (112% of 5V)
POK_SET=10 (114% of 5V)
POK_SET=11 (Disable)
5.33
5.43
5.53
N/A
5.50
5.60
5.70
N/A
5.67
5.77
5.87
N/A
V
POK Deglitch Time OV or UV
5
µs
Notes:
1.
All Under-voltage Lockout, Overvoltage measurements are referenced to the VIN Input and AGND Pins
2.
This delay can be affected by programming sequence, soft-start ramps, and startup delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com