Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 31 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 31 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 27Page - Qorvo, Inc ACT88430 Datasheet HTML 28Page - Qorvo, Inc ACT88430 Datasheet HTML 29Page - Qorvo, Inc ACT88430 Datasheet HTML 30Page - Qorvo, Inc ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc ACT88430 Datasheet HTML 33Page - Qorvo, Inc ACT88430 Datasheet HTML 34Page - Qorvo, Inc ACT88430 Datasheet HTML 35Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
31 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
the UVLO threshold, the IC is turned off and nRESET is
held low. When the input voltage goes above UVLO, the
IC transitions to the ACTIVE state and starts up normally.
The UVLO thresholds are determined by the operating
range that is programmed by the VIN_FULL_RANGE
and VIN_LVO registers. See Table 2 for these settings.
Input Voltage OV
The ACT88430 monitors its input voltage at the VIN pin
for an OV condition. When the input voltage is above
the OV threshold, the IC outputs turn off and nRESET
asserts low. When the input voltage goes below OV, the
IC transitions back to the ACTIVE state and starts up
normally. The OV thresholds are determined by the
operating
range
that
is
programmed
by
the
VIN_FULL_RANGE and VIN_LVO registers. See Table
2 for these settings.
Output Under/Over Voltage
The ACT88430 monitors the output voltages for under
voltage and over voltage conditions. If one output enters
an UV/OV fault condition, the IC shuts down all outputs
for 100ms and restarts with the programmed power up
sequence. If an output is in current limit, it is possible
that its voltage can drop below the UV threshold which
also shuts down all outputs. If that behavior is not
desired, mask the appropriate fault bit. Each output still
provides its real-time UV/OV fault status via its fault
flag, even if the fault is masked. Masking an OV/UV
fault just prevents the fault from being reported via the
IRQ pin. A UV/OV fault condition pulls the nRESETx
pins low. Note that nRESETx pins are configurable via
CMI settings.
Output Current Limit
The ACT88430 incorporates a three level overcurrent
protection scheme for the buck converters and a single
level scheme for the LDOs. For the buck converters, the
overcurrent current threshold refers to the peak switch
current. The first protection level is when a buck
converter’s peak switch current reaches 80% of the
Cycle-by-Cycle current limit threshold for greater than
16 switching cycles. Under this condition, the IC reports
the fault via the appropriate fault flag bit. If the fault is
unmasked, it asserts the IRQ pin. This may or may not
turn off that output or other outputs depending on the
specific CMI. The next level is when the current
increases to the Cycle-by-Cycle threshold. The buck
converter limits the peak switch current in each
switching cycle. This reduces the effective duty cycle
and causes the output voltage to drop, potentially
creating
an
undervoltage
condition.
When
the
overcurrent condition results in an UV condition, and UV
is not masked, the IC turns off all supplies off for 100ms
and restarts. The third level is when the peak switch
current reaches 120% of the Cycle-by-Cycle current
limit threshold. This immediately shuts down the
regulator and waits 14ms before restarting.
For LDOs, the overcurrent thresholds are set by each
LDO’s Output Current Limit setting. When the output
current reaches the Current Limit threshold, the LDO
limits the output current. This reduces the output
voltage, creating an undervoltage condition, causing all
supplies to turn off for 100ms before restarting.
The overcurrent fault limits for each output are
adjustable via I2C. Overcurrent fault reporting can be
masked via I2C, but the overcurrent limits are always
active and will shut down the IC when exceeded.
Thermal Warning and Thermal Shutdown
The ACT88430 monitors its internal die temperature
and reports a warning via IRQ when the temperature
rises above the Thermal Interrupt Threshold of typically
135 deg C. It reports a fault when the temperature rises
above the Thermal Shutdown Temperature of typically
165 deg C. A temperature fault shuts down all outputs
unless the fault is masked. Both the fault and the
warning can be masked via I2C. The temperature
warning and fault flags still provide real-time status even
if the faults are masked. Masking just prevents the faults
from being reported via the IRQ pin.
Pin Descriptions
The ACT88430 input and output pins are configurable
via CMI configurations. The following descriptions are
refer to the most common pin functions. Refer to the
CMI Options section in the back of the datasheet for
specific pin functionality for each CMI.
PWREN
The PWREN pin controls the IC’s SLEEP state. When
I2C bit PWREN_MODE = 0, the PWREN pin moves the
IC between the SLEEP and ACTIVE states.
PWREN must be enabled via the PWRDN_EN I2C bit
after power up. PWREN is ignored if the PWRDN_EN
bit is low. The PWREN polarity is controlled by the
PWREN_POL I2C bit. PWREN is active low when
PWREN_POL
is
high,
and
active
high
when
PWREN_POL is low. The host processor can read the
PWREN status via I2C in the PWREN_STAT I2C bit.
PWREN is referenced to the VIO_IN pin, and is 5.5V
tolerant meaning that PWREN can go to 5.5V even if
VIO_IN is less than 5.5V. PWREN has a 10us
bidirectional filter to prevent noise from triggering
unwanted operation.
EXT_PG
The EXT_PG pin is a dual-purpose input. Note that
EXT_PG can only be configured as an input. It functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com