Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 7Page - Qorvo, Inc ACT88430 Datasheet HTML 8Page - Qorvo, Inc ACT88430 Datasheet HTML 9Page - Qorvo, Inc ACT88430 Datasheet HTML 10Page - Qorvo, Inc ACT88430 Datasheet HTML 11Page - Qorvo, Inc ACT88430 Datasheet HTML 12Page - Qorvo, Inc ACT88430 Datasheet HTML 13Page - Qorvo, Inc ACT88430 Datasheet HTML 14Page - Qorvo, Inc ACT88430 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
11 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VIO_IN = 1.8V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Inputs Voltage Range:
VIN_B1 referenced to PGND_B1
VIN_B2 referenced to PGND_B2
VIN_B3 referenced to PGND_B3
VIN_B4 referenced to PGND_B4
2.7
5.5
V
VIN_LDO1 referenced to AGND
2.4
5.5
V
VIN_LDO2 referenced to AGND
VIN_LDO3 referenced to AGND
1.62
5.5
V
UVLO Threshold Falling (Note 1)
VIN_LVL=0
2.6
2.7
2.8
V
VIN_LVL=1, VIN_FULL_RANGE = 0
3.35
3.5
3.65
V
VIN_LVL=1 VIN_FULL_RANGE = 0
2.6
2.7
2.8
V
UVLO Hysteresis (Note 1)
VIN_LVL=0
50
100
150
mV
VIN_LVL=1 VIN_FULL_RANGE = 1
250
300
350
mV
VIN_LVL=1 VIN_FULL_RANGE = 0
50
100
150
mV
OV Threshold Rising (Note 1)
VIN_LVL = 0, VIN_FULL_RANGE = 0
3.86
3.98
4.10
V
VIN_LVL = 0 VIN_FULL_RANGE = 1
5.60
5.85
6.00
V
VIN_LVL = 1
5.60
5.85
6.00
V
OV Hysteresis (Note 1)
VIN_LVL = 0, VIN_FULL_RANGE = 0
50
100
150
mV
VIN_LVL = 0, VIN_FULL_RANGE = 1
100
150
200
mV
VIN_LVL = 1
100
150
200
mV
Thermal Shutdown Temperature
TSD_SHUTDWN
Temperature rising
150
165
180
°C
Thermal Shutdown Hysteresis
20
°C
Startup Delay after initial VIN
start of first regulator output assuming
start delay=41usec minimum (Note 2)
335
400
µs
Thermal Interrupt Threshold, TSD_ALERT
Temperature rising - Referenced to
TSD_SHUTDWN
TSD_SHUTDWN
- 30
°C
Thermal Interrupt Hysteresis
15
°C
POK UV Interrupt Threshold Falling - 3.3V
Input Setting (VIN_LVL=0)
POK_SET=00 (91% of 3.3V)
POK_SET=01 (88% of 3.3V)
POK_SET=10 (84% of 3.3V)
POK_SET=11 (Disable)
2.90
2.80
2.67
N/A
3.00
2.90
2.77
N/A
3.10
3.00
2.87
N/A
V
POK UV Interrupt Threshold Falling - 5V
Input Setting (VIN_LVL=1,
VIN_FULL_RANGE = 0)
POK_SET=00 (88% of 5V)
POK_SET=01 (86% of 5V)
POK_SET=10 (84% of 5V)
POK_SET=11 (Disable)
4.26
4.16
4.06
N/A
4.40
4.30
4.20
N/A
4.54
4.44
4.34
N/A
V
POK UV Interrupt Threshold Falling - 3.3V
Input Setting (VIN_LVL= 1,
VIN_FULL_RANGE = 1)
POK_SET=00 (91% of 3.3V)
POK_SET=01 (88% of 3.3V)
POK_SET=10 (84% of 3.3V)
POK_SET=11 (Disable)
2.90
2.80
2.67
N/A
3.00
2.90
2.77
N/A
3.10
3.00
2.87
N/A
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com