Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 37 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 37 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 33Page - Qorvo, Inc ACT88430 Datasheet HTML 34Page - Qorvo, Inc ACT88430 Datasheet HTML 35Page - Qorvo, Inc ACT88430 Datasheet HTML 36Page - Qorvo, Inc ACT88430 Datasheet HTML 37Page - Qorvo, Inc ACT88430 Datasheet HTML 38Page - Qorvo, Inc ACT88430 Datasheet HTML 39Page - Qorvo, Inc ACT88430 Datasheet HTML 40Page - Qorvo, Inc ACT88430 Datasheet HTML 41Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
37 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
require a 22uF output capacitor each. In order to ensure
stability, the actual Buck1 capacitance should be
greater than 33uF while Buck2, Buck3, and Buck4
should be greater than 15uF. The output capacitance
can be increased to reduce output voltage ripple and
improve load transients if needed. Design for an output
ripple voltage less than 1% of the output voltage. The
following equation calculates the output voltage ripple
as a function of output capacitance.
VRIPPLE
= ∆������������������������
8∗������������������������������������∗������������������������������������������������
Where ΔIL is the inductor ripple current, FSW is the
switching frequency, and COUT is the output capacitance
after taking DC bias into account.
Be sure to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805.
A capacitor’s actual capacitance is strongly affected
by its DC bias characteristics. The output capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5U,
Z5U, or similar dielectrics are not recommended due to
their wide variation in capacitance over temperature and
voltage ranges.
LDO CONVERTERS
General Description
The ACT88430 contains three fully integrated low
dropout linear regulators (LDO). LDO1 is an 800mA
output, while LDO2 and LDO3 are 200mA outputs. The
LDOs are require only two small external components
(Cin, Cout) for operation. They ship with default output
voltages that can be modified via the I2C interface
for systems that require advanced power management
functions.
LDO1 has a dedicated input pin. LDO2 and LDO3 share
an input pin. The LDOs can operate from different input
voltages than the buck converters. LDO1 and LDO2/3
can operate from different input voltage from each other.
LDO1 has the option to be operated as a standard LDO
or as a load switch.
Enable / Disable Control
When power is applied to the IC, all LDOs automatically
turn on according to a pre-programmed sequence.
Once in normal operation (ACTIVE state), each
converter can be independently disabled via I2C. Each
CMI version requires a different set of command to
disable a converter, so contact the factory for specific
instructions if needed. Each converter contains an
optional integrated discharge resistor that actively
discharges the output capacitor when the regulator is
disabled. Each LDO’s discharge function is enabled via
its I2C bit DIS_PULLDOWN.
Soft-Start
Each LDO contains a softstart circuit that limits the rate
of change of the output voltage, minimizing input inrush
current and ensuring that the outputs power up in a
monotonically. This circuitry is effective any time the
LDO is enabled, as well as after responding to a short
circuit or other fault condition. Each LDO’s softstart time
is adjustable via its I2C bits SS_RAMP.
LDO1 is adjustable between 226µs and 570µs,
depending on output voltage.
LDO2 is adjustable between 130µs and 220µs,
depending on output voltage
LDO3
is
adjustable
between
65µs
and
130µs,
depending on output voltage
Table 6 summarizes the LDO softstart programming
ranges.
Table 6: LDO Softstart Ranges
LDOx
Softstart
Register
Set-
ting
LDO1
softstart
(us)
LDO2
softstart
(us)
LDO3
softstart
(us)
LDOx_SS
00
226
130
36
01
323
133
64
10
440
170
96
11
570
220
126
Output Voltage Setting
LDO1/2/3 regulate to the voltage defined by I2C
registers LDO
VSET registers. Unlike the
buck
converters, the LDOs only have one VSET register.
LDO2/3 each have two programmable output voltage
ranges, Output-Low Range and Output-High Range.
Each
LDO’s
output
range
can
be
programmed
independently of the others. Note that the output voltage
range can NOT be changed while the output is enabled.
Qorvo does not recommend changing the output volt-
age range from its default setting
because
its
internal voltage reference is only trimmed to its default
setting. The following table shows which I2C bits set the
output ranges.
Table 7: LDO Output Voltage Programming Ranges
Register
Bit
Setting
Range
LDO1
n/a
n/a
n/a
Output-
High
LDO2
0x81h
RANGE_LDO2
1
Output-
Low
0
Output-
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com