Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 25Page - Qorvo, Inc ACT88430 Datasheet HTML 26Page - Qorvo, Inc ACT88430 Datasheet HTML 27Page - Qorvo, Inc ACT88430 Datasheet HTML 28Page - Qorvo, Inc ACT88430 Datasheet HTML 29Page - Qorvo, Inc ACT88430 Datasheet HTML 30Page - Qorvo, Inc ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc ACT88430 Datasheet HTML 33Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
29 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
All volatile registers are reset to defaults and Non-
Volatile registers are reset to programmed defaults. The
IC transitions from RESET to ACTIVE when the input
voltage enters the valid range. The IC transitions from
any other state to RESET if the input voltage drops
below the UVLO threshold voltage.
ACTIVE State
The ACTIVE state is the normal operating state when
the input voltage is within the allowable range, all
outputs are turned on, and no faults are present. When
entering the ACTIVE state from the RESET state, all
regulators are powered on following their programmed
power up sequence. The regulators are not sequenced
when entering ACTIVE from SLEEP.
SLEEP State
The SLEEP state is a low power mode for the operating
system. Each output can be programmed to be on or off
in the SLEEP state. The outputs do not follow any
sequencing when turning on or off as they enter or exit
the
SLEEP state.
They
do
turn
on
with
their
programmed
softstart
time.
Buck1/2/3/4
can
be
programmed to regulate to their VSET0 voltage, VSET1
voltage, or be turned off in the SLEEP state. LDO1/2/3
can be programmed to regulate to their VSET0 voltage
or can be programmed to be turned off. Note that
LDO1/2/3 do not have a VSET1 voltage.
The IC can enter SLEEP via a hardware input pin or an
I2C command. The hardware input is typically the
PWREN pin, but this can be reconfigured to other pins.
To enable SLEEP via I2C, program the following:
Set register 0x08h bit1 (PWR_DN_MODE) = 1
Set register 0x00h bit0 (PWR_DN_EN) = 1
To
enter
SLEEP,
program
register
0x01h
bit1
(SLP_ENTR) = 1.
I2C is disabled in SLEEP mode, to the only way to exit
SLEEP mode is to toggle the PWREN pin.
THERMAL State
In the THERMAL state the chip has exceeded the
thermal shutdown temperature. To protect the device,
all the regulators are shut down and all three nRESETx
pins are asserted low. This state can be disabled by
setting register 0x0Ah bit4 (TSD_nMASK) = 0. Note that
thermal shutdown fault flag, TSD_SHUTDWN, still
provides the thermal status even TSD_nMASK = 0.
OVUVFLT State
In the OVUVFLT state one of the regulators has exceed
an OV level at any time or UV level after the soft start
ramp has completed. All regulators shutdown and all
three nRESETx outputs are asserted low when the IC
enters OVUVFLT state. The OVUVFLT state is timed to
retry after 100ms and enter the ACTIVE state. If the OV
or UV condition still exists in the ACTIVE state the IC
returns back to the OVUVFLT state. The cycle
continues until the OV or UV fault is removed or the
input power is removed. This state can be disabled by
setting the OV_nMASK or UV_nMASK non-volatile bits
low. The IC does not directly enter OVUVFLT in an
overcurrent condition, but does enter this state due to
the resulting UV condition.
Figure 4. State Machine
Sequencing
The ACT88430 provides the end user with extremely
versatile sequencing capability that can be optimized for
many different applications. Each of the seven outputs
has four basic sequencing parameters: input trigger,
turn-on delay, softstart time, and output voltage. Each
of these parameters is controlled via the ICs internal
registers. Contact Qorvo for custom sequencing config-
urations. Refer to the Qorvo Application Note describing
the Register Map for full details on I2C functionality and
programming ranges.
Input trigger. The input trigger for a regulator is the
event that turns that regulator on. Each output can have
a separate input trigger. The input trigger can be the
internal power ok (POK) signal from one of the other
regulators, the internal VIN POK signal, or an external
signal applied to an input pin such as EXT_PG or GPIO.
This flexibility allows a wide range of sequencing
possibilities, including have some of the outputs be
sequenced with another external power supply or a
control signal from the host. As an example, if the LDO1
input trigger is Buck1, LDO1 will not turn on until Buck1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com