Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 62 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 62 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 58Page - Qorvo, Inc ACT88430 Datasheet HTML 59Page - Qorvo, Inc ACT88430 Datasheet HTML 60Page - Qorvo, Inc ACT88430 Datasheet HTML 61Page - Qorvo, Inc ACT88430 Datasheet HTML 62Page - Qorvo, Inc ACT88430 Datasheet HTML 63Page - Qorvo, Inc ACT88430 Datasheet HTML 64Page - Qorvo, Inc ACT88430 Datasheet HTML 65Page - Qorvo, Inc ACT88430 Datasheet HTML 66Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
62 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
nRESET_AUX1
The nRESET_AUX1 pin is programmed as an open drain output. It goes high 1989us after LDO1 goes into regulation.
nRESET_AUX2
The nRESET pin is not used and should be pulled to GND.
EXT_PG
EXT_PG is configured as an input to select the Buck1 output voltage. When EXT_PG is L, VSET0 sets Buck1 to 3.0V.
When EXT_PG is H, VSET1 sets Buck1 to 2.5V.
MODE
The MODE pin configures Buck1 into either bypass or switcher mode. MODE must be connected to AGND to
configure Buck1 into switcher mode.
GPIO
GPIO is configured as an input to select the Buck2 output voltage. When GPIO is H, VSET0 sets Buck2 to 0.8V. When
GPIO is L, VSET1 sets Buck2 to 0.9V.
PWREN
PWREN is configured as an input. When PWREN = H, the IC operates in Active Mode. When PWREN = L, the IC
operates in SLEEP Mode.
Buck1/3 Voltage Setting
Buck1/3 reference voltage is 0.8V. This sets the programmable voltage range between 0.8V to 3.998V in 12.5mV
steps.
Buck2 Voltage Setting
Buck2 reference voltage is 0.6V. This sets the programmable voltage range between 0.6V to 3.000V in 9.375mV
steps.
LDO1 Voltage Setting
The LDO1 reference voltage is 0.8V. This sets the programmable voltage range between 2.0V to 3.575V in 25mV
steps.
LDO2/3 Voltage Setting
The LDO2/3 reference voltage is 0.8V. This sets the allowable voltage range between 2.0V to 3.575V in 25mV steps.
Device ID
The CMI 113 Device ID (register 0x7Dh) = 0x13h
I2C Address
The CMI 113 7-bit I2C address is 0x53h. This results in 0xA6h for a write address and 0xA7h for a read address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com