Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 67 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 67 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 63Page - Qorvo, Inc ACT88430 Datasheet HTML 64Page - Qorvo, Inc ACT88430 Datasheet HTML 65Page - Qorvo, Inc ACT88430 Datasheet HTML 66Page - Qorvo, Inc ACT88430 Datasheet HTML 67Page - Qorvo, Inc ACT88430 Datasheet HTML 68Page - Qorvo, Inc ACT88430 Datasheet HTML 69Page - Qorvo, Inc ACT88430 Datasheet HTML 70Page - Qorvo, Inc ACT88430 Datasheet HTML 71Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
67 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
Startup
SLEEP Mode
Pull PWREN high to operate in ACTIVE mode. Pull PWREN low to operate in SLEEP mode. Buck1/4 turn off in SLEEP
mode. Buck2/3 regulate to VSET1 in SLEEP mode.
DVS Mode
This CMI does not have true DVS functionality. See the different GPIO functions to see which ones control a buck
converter’s output voltage.
POK Thresholds
POK_UV = 2.77V
POK_OV = 3.76V
PG
The PG pin is not used and can be left open or pulled to GND.
POK
POK is configured as an input to select the Buck4 output voltage. When POK is L, VSET1 sets Buck4 to 1.2V. When
POK is H, VSET0 sets Buck1 to 1.8V.
EXT_EN
The EXT_EN pin is not used and should be left open.
nRESET
The nRESET pin is configured as the Buck2 POK open drain output with 0ms delay.
nRESET_AUX1
The nRESET_AUX1 pin is programmed as an open drain output. It goes high 1989us after Buck4 goes into regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com