Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 58 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 58 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 54Page - Qorvo, Inc ACT88430 Datasheet HTML 55Page - Qorvo, Inc ACT88430 Datasheet HTML 56Page - Qorvo, Inc ACT88430 Datasheet HTML 57Page - Qorvo, Inc ACT88430 Datasheet HTML 58Page - Qorvo, Inc ACT88430 Datasheet HTML 59Page - Qorvo, Inc ACT88430 Datasheet HTML 60Page - Qorvo, Inc ACT88430 Datasheet HTML 61Page - Qorvo, Inc ACT88430 Datasheet HTML 62Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
58 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
Startup
VIN
LDO1
LDO2
Buck1
Buck4
Buck3
nRESET_AUX1
Buck2
713us
713us
513us
513us
713us
2ms
CMI 109 Startup
SLEEP Mode
Pull PWREN high to operate in ACTIVE mode. Pull PWREN low to operate in SLEEP. Outputs Buck1/3/4 are on in
ACTIVE mode and off in SLEEP mode.
DVS Mode
PWREN is the DVS control input for Buck2. When PWREN = L, the VSET0 register controls the Buck2 converter output
voltage to 0.75V. When PWREN = H the VSET1 register controls the Buck2 converter output voltage to 0.9V.
EXT_PG is the DVS control input for Buck3. When EXT_PG = L, the VSET0 register controls the Buck3 converter
output voltage to 1.5V. When EXT_PG = H the VSET1 register controls the Buck3 converter output voltage to 1.35V.
GPIO is the DVS control input for Buck4. When DVS = L, the VSET1 register controls the Buck4 converter output
voltage to 1.8V. When GPIO = H the VSET0 register controls the Buck4 converter output voltage to 1.2V.
POK Thresholds
POK_UV = 2.77V
POK_OV = 3.76V
PG
The PG pin is configured as the Buck3 POK output.
POK
The POK pin is configured as the VIN POK functionality.
EXT_EN
The EXT_EN pin is not functional with CMI 109. Leave the EXT_EN pin floating.
nRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com