Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 32 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 32 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 28Page - Qorvo, Inc ACT88430 Datasheet HTML 29Page - Qorvo, Inc ACT88430 Datasheet HTML 30Page - Qorvo, Inc ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc ACT88430 Datasheet HTML 33Page - Qorvo, Inc ACT88430 Datasheet HTML 34Page - Qorvo, Inc ACT88430 Datasheet HTML 35Page - Qorvo, Inc ACT88430 Datasheet HTML 36Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
32 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
as either a power good input from an external supply or
a dynamic voltage scaling control input. Configure
EXT_PG as a power good input by setting I2C bit
DVS_EN = 0. When configured as a power good input,
EXT_PG can be used as an input to the nRESETx pins.
EXT_PG polarity is controlled by the EXT_PG_POL bit.
EXT_PG is active high when EXT_PG_POL = 0 and
active low when EXT_PG_POL = 1.
Configure EXT_PG as a dynamic voltage scaling (DVS)
control input by setting I2C bit DVS_EN = 1. When
EXT_PG is de-asserted, all buck regulators regulate to
their VSET0 voltage. When EXT_PG is asserted, the
buck regulators regulate to their VSET1 voltage. Note
that EXT_PG input is only valid for DVS toggling when
the IC is in the ACTIVE state of operation. I2C bit
EXT_PG_POL has no effect in DVS Mode.
EXT_PG is referenced to the VIN pin, and should not
be pulled above VIN. The EXT_PG input has a 10us
bidirectional filter to prevent noise from triggering
unwanted operation.
VIO_IN
VIO_IN is the input bias supply for the IC. Apply an input
voltage between 1.62V and 5.5V. Bypass to AGND with
a high quality, 1uF ceramic capacitor.
MODE
Setting MODE = 0 configures Buck1 as a standard
integrated buck regulator. Setting MODE = 1 configures
Buck1 as an integrated bypass switch. Buck1 can only
operate as a bypass switch when VIN=3.3V. In bypass
mode, the Buck1 P-ch power FET is used to sequence
the 3.3V supply to the downstream load. This provides
full sequencing flexibility for 3.3V systems by allowing
the 3.3V input to be used as the input supply for the
other regulators but still be sequenced in any order for
the downstream loads. Bypass mode is only valid for a
3.3V input voltage. The MODE pin must be tied directly
to VIN or AGND. I2C bit MODE_STAT shows the status
of the MODE pin when it was read at startup.
GPIO
The GPIO pin can be configured as a digital input or an
open drain output. It has multiple uses, including a
sequencing input, sequencing output, status output, or
control input to toggle a supply’s output voltage. Set I2C
bit GPIO_OUT = 0 to configure GPIO as an input. When
using GPIO as an output, GPIO_OUT = 0 configures it
as an open drain output, and GPIO_OUT = 1 configures
it as a logic low output. When used as either an input or
an output, I2C bit GPIO_STAT always provides the real-
time status of the GPIO pin. GPIO_STAT = 0 when
GPIO pin is a logic 0. GPIO_STAT = 1 when GPIO pin
is a logic 1.
GPIO pin is referenced to the VIN pin, and is 5.5V
tolerant meaning that GPIO can go to 5.5V even if VIN
is less than 5.5V.
IRQ
The IRQ pin is an output that issues an interrupt to
the host CPU/Controller when an ACT88430 fault or
warning condition occurs.
IRQ is triggered by:
Die temperature exceeding Thermal Interrupt Threshold
of 135C.
Any buck regulator reaching peak current limit, ILIMSET,
for 16 cycles after softstart.
Any LDO regulator reaching current limit, LDOx_ILIM,
for more than 16us after softstart.
BUCK1 PMOS switch exceeding Current Detection
threshold 75% of ILIMSET when system is configured
in bypass mode.
IRQ is masked by the I2C register 0x00h bit2
(IRQ_nMASK) by default to mask all IRQ conditions. To
enable IRQ functionality, set IRQ_nMASK = 1. IRQ is
an active-low open drain 5.5V compatible output.
POK
POK indicates that the voltage on the VIN pin is inside
the POK UV and OV Interrupt Thresholds. If the VIN
voltage is above or below these values, POK pulls low
to interrupt the host CPU/Controller. POK is masked by
the I2C bit POK_nMASK by default. To enable POK
functionality, set I2C bit POK_nMASK = 1. I2C bits
POK_OV and POK_UV provide real-time UV and OV
status, even when POK is masked. The POK UV and
OV threshold are configurable via the I2C bits
POK_UV_SET and POK_OV_SET.
POK is an open drain output and is 5.5V tolerant
meaning that POK can be pulled up to 5.5V even if
VIO_IN is less than 5.5V.
nRESET_AUX1 and nRESET_AUX2
nRESET_AUX1 and nRESET_AUX2 pins can be used
to signal that the IC is in the SLEEP state or that the
input voltage is above or below the UV or OV threshold.
They can also be tied to one or a combination of the
power supply’s internal POK signals. When asserted by
the internal POK signals they immediately assert. They
follow a programmed delay when de-asserted. The
nRESET_AUX1 delay time is controlled by the I2C bits
RST_AUX1_DLY[2:0],
which
programs
the
delay
between 400us and 2mS in 227us steps. The
nRESET_AUX2 delay time is controlled by the I2C bits
RST_AUX2_DLY[2:0],
which
programs
the
delay
between 200us and 1ms in 114us steps. These pins can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com