Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 49 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 49 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 45Page - Qorvo, Inc ACT88430 Datasheet HTML 46Page - Qorvo, Inc ACT88430 Datasheet HTML 47Page - Qorvo, Inc ACT88430 Datasheet HTML 48Page - Qorvo, Inc ACT88430 Datasheet HTML 49Page - Qorvo, Inc ACT88430 Datasheet HTML 50Page - Qorvo, Inc ACT88430 Datasheet HTML 51Page - Qorvo, Inc ACT88430 Datasheet HTML 52Page - Qorvo, Inc ACT88430 Datasheet HTML 53Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
49 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
Startup
Buck3
VIN
Buck1
41us
Buck2
CMI 102 Startup
nRESET
41us
1ms
LDO1
41us
Buck4
LDO2
41us
LDO3
41us
41us
SLEEP Mode
CMI 102 does not use SLEEP Mode.
DVS Mode
EXT_PG is the DVS control input. When EXT_PG = L, the VSET0 register controls the buck converter output voltages.
When EXT_PG = H the VSET1 register controls the buck converter output voltages. Note that the default VSET0 and
VSET1 settings are the same for each buck converter.
POK Thresholds
POK_UV = 2.7V
POK_OV = 3.6V
PG
The PG pin is not functional with CMI 102. Leave the PG pin floating.
POK
The POK pin is not functional with CMI 102. Leave the POK pin floating.
EXT_EN
The EXT_EN pin is not functional with CMI 102. Leave the EXT_EN pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com