Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 33 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 33 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 29Page - Qorvo, Inc ACT88430 Datasheet HTML 30Page - Qorvo, Inc ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc ACT88430 Datasheet HTML 33Page - Qorvo, Inc ACT88430 Datasheet HTML 34Page - Qorvo, Inc ACT88430 Datasheet HTML 35Page - Qorvo, Inc ACT88430 Datasheet HTML 36Page - Qorvo, Inc ACT88430 Datasheet HTML 37Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
33 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
also be used as inputs to control different power rail
enable signals. They are configurable, so refer to the
back of the datasheet for their specific functionality for
each CMI. Contact the factory for available options.
They are open drain outputs and are 5.5V tolerant
meaning that they can be pulled up to 5.5V even if
VIO_IN is less than 5.5V.
nRESET
nRESET issues the main reset to the CPU/controller.
nRESET is immediately asserted low when either the
VIN voltage is above or below the UV or OV thresholds
or any valid output supply voltage is below its Power
Good
(POK)
threshold.
After
startup,
nRESET
de-asserts after a programmable delay time after
all outputs are above their respective UVLO thresholds.
The nRESET delay time is controlled by the I2C
bits
nRST_DLY[2:0],
which
programs
the
delay
between 200us and 1ms in 114us steps. nRESET is
configurable, so refer to the CMI Options section in the
back of the datasheet for its specific functionality for
each CMI. nRESET is an open drain output and is 5.5V
tolerant meaning that nRESET can be pulled up to 5.5V
even if VIO_IN is less than 5.5V.
EXT_EN
EXT_EN is used to control an external regulator or to
provide a control signal to other system components.
When the MODE pin = 0 to configure Buck1 as a
standard power supply, EXT_EN is the output of the
ACT88430’s internal BUCK1 enable signal. When the
MODE pin = 1 to configure Buck1 as a bypass switch,
EXT_EN is the output of the bypass switch enable
signal.
The I2C bit EXT_EN_POL controls the EXT_EN polarity.
EXT_EN is active high when EXT_EN_POL is low and
EXT_EN is active low when EXT_EN_POL is high.
EXT_EN is a push-pull CMOS output using VIO_IN
supply. Note that the EXT_EN output is enabled and
valid in all modes of operation. EXT_EN is configurable,
so refer to the CMI Options section in the back of the
datasheet for its specific functionality for each CMI.
EXT_EN is referenced to the VIO_IN pin. It should not
be pulled higher than VIO_IN.
PG
The PG pin shows the status of a regulator’s Power
Good / UV comparator. When the regulator is below the
Power Good threshold, the PG pin is pulled low. When
above the threshold, the PG pin is open drain. The PG
functionality is enabled by default, but can be disabled
by I2C. PG can be disabled by using the appropriate reg-
ulator’s UV_FLTMSK bit. Table 3 shows the possible
regulators that can drive the PG pin.
Table 3: ACT88430 PG Input Choices
Allowable PG Inputs
Buck1
Buck2
Buck3
Buck4
LDO1
LDO2 AND Buck4
LDO3
LDO3 AND Buck4
PG is configurable, so refer to the back of the datasheet
for its specific functionality for each CMI. PG is an open
drain output and is 5V tolerant meaning that PG can be
pulled up to 5.5V even if VIO_IN is less than 5.5V.
STEP-DOWN DC/DC CONVERTERS
General Description
The ACT88430 contains four fully integrated step-down
converters. Buck1 is a 4A output, while Buck2, Buck3,
and Buck4 are 2.5A outputs. All buck converters are
fixed frequency, current-mode controlled, synchronous
PWM converters that achieve peak efficiencies of up to
96.5%. The buck converters switch at 2.25MHz and are
internally compensated, requiring only three small
external components (Cin, Cout, and L) for operation.
They ship with default output voltages that can be
modified via the I2C interface for systems that require
advanced power management functions.
Each buck converter has a dedicated input pin and
power ground pin. Each buck converter should have a
dedicated input capacitor that is optimally placed to
minimize the power routing loops for each buck
converter. Note that even though each buck converter
has separate inputs, all buck converter inputs must be
connected to the same voltage potential.
Buck1 is configurable as a bypass switch for systems
with a 3.3V bus voltage. The bypass switch provides full
sequencing capability by allowing the 3.3V bus to be
used as the input to the other supplies and still be
properly sequenced to the downstream load.
Tie MODE to AGND to configure Buck1 for a switching
power supply. Tie MODE to VIN to configure Buck1 as
a bypass switch. MODE is only sampled when VIN
reaches its UVLO threshold. Changing the MODE pin
after startup has no effect. When Buck1 is configured as
a power supply, EXT_EN is a direct output of the
ACT88430 Buck1 enable signal. When Buck1 is config-
ured as a bypass switch, EXT_EN is a direct output of
the bypass switch enable signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com