Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 34 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 34 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 30Page - Qorvo, Inc ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc ACT88430 Datasheet HTML 33Page - Qorvo, Inc ACT88430 Datasheet HTML 34Page - Qorvo, Inc ACT88430 Datasheet HTML 35Page - Qorvo, Inc ACT88430 Datasheet HTML 36Page - Qorvo, Inc ACT88430 Datasheet HTML 37Page - Qorvo, Inc ACT88430 Datasheet HTML 38Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
34 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
The ACT88430 buck regulators are highly configurable
and can be quickly and easily reconfigured via I2C.
This allows them to support changes in hardware
requirements without the need for PCB changes.
Examples of I2C functionality are given below:
Real-time power good, OV, and current limit status
Ability to mask individual faults
Dynamically change output voltage
On/Off control
Softstart ramp
Slew rate control
Switching delay and phase control
Low power mode
Overcurrent thresholds
Refer to the Qorvo Application Note describing the Reg-
ister Map for full details on I2C functionality and pro-
gramming ranges.
Operating Mode
The buck converters operate in fixed-frequency PWM
mode at medium to heavy loads. They transition to a
proprietary power-saving low power mode at light loads
to save power. Power-save mode reduces conduction
losses by preventing the inductor current from going
negative.
To further optimize efficiency and reduce power losses
at extremely light loads, an additional lower power mode,
LPM, is available. LPM minimizes quiescent current in
between switching cycles. This reduces input current by
approximately 200µA in LPM mode. Light load output
voltage ripple increases from approximately 5mV to
10mV when in LPM mode. Light load voltage droop
when going from light load to heavier loads is only in-
creased by 2-3mV when in LPM mode. LPM allows the
customer to test the IC in their use case and optimize
the balance between power consumption, voltage ripple,
and transient response in their system. Each buck con-
verter's LPM is enabled when I2C bits DISLPM = 0 and
LP_MODE = 1.
Synchronous Rectification
Buck1/2/3/4
each
feature
integrated
synchronous
rectifiers (or LS FETs) to maximize efficiency and
minimize the total solution size and cost by eliminating
the need for external rectifiers.
Enable / Disable Control
When power is applied to the IC, all converters
automatically turn on according to a pre-programmed
sequence. Once in normal operation (ACTIVE state),
each converter can be independently disabled via I2C.
Each CMI version requires a different set of command
to disable a converter, so contact the factory for specific
instructions if needed. Each converter contains an
optional integrated discharge resistor that actively
discharges the output capacitor when the regulator is
disabled. The discharge function is enabled via the I2C
bit Bx_DisPulldown.
Soft-Start
Each
buck
regulator
contains
a
softstart
circuit
that limits the rate of change of the output voltage,
minimizing input inrush current and ensuring that the
outputs power up monotonically. This circuitry is
effective any time the regulator is enabled, as well as
after responding to a short circuit or other fault condition.
Buck1/2/3 softstart time is adjustable between 150µs to
485µs via their I2C SS_RAMP registers. Buck4
softstart time is adjustable between 25µs to 204µs via
I2C SS_RAMP register. Table 4 summarizes the
softstart settings.
Table 4: Buck Softstart Time (0.8V Reference)
SS_RAMP
Buck1/2/3
Softstart (µs)
Buck4 Softstart
(µs)
000
150
25
001
200
51
010
250
76
011
300
102
100
350
127
101
395
153
110
440
178
111
485
204
Note that when an output’s reference voltage is
changed to 0.6V, the softstart time changes to 75% of
the time in Table 4.
Output Voltage Setting
Buck1/2/3/4 regulate to the voltage defined by I2C
register VSET0 in normal operation and by VSET1 in
DVS mode. Buck1/2/3/4 each have two programmable
output
voltage
ranges,
Output-Low
Range
and
Output-High Range. Each buck converter’s output
range can be programmed independently of the others.
Note that the output voltage range can NOT be changed
while
the
output
is
enabled.
Qorvo
does
not
recommend changing the output voltage range from its
default setting because its internal voltage reference is
only trimmed to its default setting. The following table
shows which I2C bits set the output ranges.
Table 5: Buck Output Voltage Programming Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com