Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 71 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 71 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 66Page - Qorvo, Inc ACT88430 Datasheet HTML 67Page - Qorvo, Inc ACT88430 Datasheet HTML 68Page - Qorvo, Inc ACT88430 Datasheet HTML 69Page - Qorvo, Inc ACT88430 Datasheet HTML 70Page - Qorvo, Inc ACT88430 Datasheet HTML 71Page - Qorvo, Inc ACT88430 Datasheet HTML 72Page - Qorvo, Inc ACT88430 Datasheet HTML 73Page - Qorvo, Inc ACT88430 Datasheet HTML 74Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
71 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
nRESET_AUX1
The nRESET_AUX1 pin is programmed as an open drain output. It goes high 1989us after Buck4 goes into regulation.
nRESET_AUX2
The nRESET pin is not used and should be pulled to GND.
EXT_PG
EXT_PG is configured as an input to turn on LDO1 to start the turn on sequence. When EXT_PG is L, LDO1 is disabled.
When EXT_PG is H, LDO1 is enabled.
MODE
The MODE pin configures Buck1 into either bypass or switcher mode. MODE must be connected to AGND to
configure Buck1 into switcher mode.
GPIO
GPIO is configured as an input to turn on Buck1. When GPIO is H, Buck1 is disabled. When GPIO is H, Buck1 is
enabled.
PWREN
PWREN is not used and must be connected to VCC.
Buck1/2/3/4 Voltage Setting
Buck1/2/3/4 reference voltage is 0.8V. This sets the programmable voltage range between 0.8V to 3.998V in 12.5mV
steps.
LDO1/2/3 Voltage Setting
The LDO1/2/3 reference voltage is 0.8V. This sets the programmable voltage range between 2.0V to 3.575V in 25mV
steps.
Device ID
The CMI 120 Device ID (register 0x7Dh) = 0x20h
I2C Address
The CMI 120 7-bit I2C address is 0x53h. This results in 0xA6h for a write address and 0xA7h for a read address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com