Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 63 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 63 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 59Page - Qorvo, Inc ACT88430 Datasheet HTML 60Page - Qorvo, Inc ACT88430 Datasheet HTML 61Page - Qorvo, Inc ACT88430 Datasheet HTML 62Page - Qorvo, Inc ACT88430 Datasheet HTML 63Page - Qorvo, Inc ACT88430 Datasheet HTML 64Page - Qorvo, Inc ACT88430 Datasheet HTML 65Page - Qorvo, Inc ACT88430 Datasheet HTML 66Page - Qorvo, Inc ACT88430 Datasheet HTML 67Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
63 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
CMI 114: ACT88430QJ114-T
CMI 114 is optimized for the Innogrit Rainier IG5236 SSD controller. Buck3 is set to 1.1V to power LPDDR4 memory.
This is very similar to the ACT88430QJ113-T which has Buck3 set to 1.2V to power DDR4. The GPIOs are programmed
to allow the microprocessor to program the ACT88430 for different IG5236 low power operating modes. CMI 114
configured for a 3.3V input voltage.
Voltage and Currents
Startup and Sequencing
Rail
Sequence
Order
Sequencing
Input Trigger
StartUp
Delay (us)
Soft-Start
(us)
Buck2
1
UVLO
313
485
LDO2
1
UVLO
313
220
LDO3
1
UVLO
313
126
LDO1
2
UVLO
713
570
Buck1
3
Buck2
413
485
Buck3
4
Buck1
313
485
Buck4
5
Buck1
513
204
Rail
Active
Mode Volt-
age
VSET0 (V)
DVS Volt-
age
VSET1 (V)
DVS Voltage
Trigger
Sleep Mode
Voltage (V)
Current
Limit (A)
Fsw (kHz)
Buck1
3.0
2.5
n/a
0
5.3
2250
Buck2
0.9
0.8
GPIO
0.8
4
2250
Buck3
1.1
1.1
n/a
0
4
2250
Buck4
1.2
1.2
n/a
0
4
2250
LDO1
1.2
n/a
n/a
1.2
0.5
n/a
LDO2
1.8
n/a
n/a
0
0.315
n/a
LDO3
1.8
n/a
n/a
1.8
0.315
n/a
EXT_EN
n/a
n/a
n/a
n/a
n/a
n/a
EXT_PG
n/a
n/a
n/a
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com