Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 3Page - Qorvo, Inc ACT88430 Datasheet HTML 4Page - Qorvo, Inc ACT88430 Datasheet HTML 5Page - Qorvo, Inc ACT88430 Datasheet HTML 6Page - Qorvo, Inc ACT88430 Datasheet HTML 7Page - Qorvo, Inc ACT88430 Datasheet HTML 8Page - Qorvo, Inc ACT88430 Datasheet HTML 9Page - Qorvo, Inc ACT88430 Datasheet HTML 10Page - Qorvo, Inc ACT88430 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
7 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
PIN DESCRIPTIONS
PIN
(QFN)
Ball (CSP)
NAME
DESCRIPTION
1
C4
IRQ
Interrupt IRQ Open Drain Output indicates a fault occurred.
2,3
A1, A2, A3
PGND1
Dedicated Power Ground for BUCK1 Regulator.
4
C3
POK
Power OK Open Drain Output, indicates Overvoltage or Undervoltage on VIN in-
put supply.
5
B3
PGND2
Dedicated Power Ground for Buck 2 Regulator.
6
A4, B4
SW_B2
Switch Pin for BUCK2 Regulator.
7
A5
VIN_B2
Dedicated VIN power input for BUCK2 Regulator.
8
B5
FB_B2
Feedback for BUCK2 Regulator. Connect to the BUCK2 output.
9
B6
OUT_LDO1
Output for LDO1 Regulator (Leave unconnected if LDO1 is not used and disa-
bled).
10
A6
VIN_LDO1
Dedicated VIN power input for LDO1 Regulator.
11
C5
nRESET_AUX2
A configurable auxiliary reset signal. Open Drain Output (configurable as an in-
put).
12
C6
nRESET_AUX1
A configurable auxiliary reset signal. Open Drain Output (configurable as an in-
put).
13
D6
SCL
I2C Clock Input.
14
D5
nRESET
nRESET Open Drain Output. This pin is configurable.
15
E6
SDA
I2C Data Input and Output.
16
D4
AGND
Analog Ground.
17
F6
PWREN
Power Enable Digital Input. This pin is configurable.
18
E5
EXT_EN
External Regulator Enable Push-Pull Digital Output.
19
F5
EXT_PG
External Power Good Digital Input. This pin is configurable.
20
G5
VIO_IN
Digital Input Reference Voltage Input. Connect a 0.1uF ceramic capacitor be-
tween VIN_IN and AGND
21
G6
OUT_LDO2
Output for LDO2 Regulator (Leave unconnected if LDO2 is not used and disa-
bled).
22
H5
VIN_LDO23
Dedicated VIN power input for LDO2 and LDO3 Regulator.
23
H6
OUT_LDO3
Output for LDO3 Regulator (Leave unconnected if LDO3 is not used and disa-
bled).
24
G4
FB_B3
Feedback for BUCK3 Regulator. Connect to the BUCK3 output.
25
H4
VIN_B3
Dedicated VIN power input for BUCK3 Regulator.
26
G3, H3
SW_B3
Switch Pin for BUCK3 Regulator.
27
H2
PGND3
Dedicated Power Ground for BUCK3 Regulator.
28
H1
PGND4
Dedicated Power Ground for BUCK4 Regulator.
29
F2
FB_B4
Feedback for BUCK4 Regulator. Connect to the BUCK4 output.
30
F3
MODE
Configuration input pin. This pin is read at power up to configure BUCK1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com