Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 46 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 46 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 42Page - Qorvo, Inc ACT88430 Datasheet HTML 43Page - Qorvo, Inc ACT88430 Datasheet HTML 44Page - Qorvo, Inc ACT88430 Datasheet HTML 45Page - Qorvo, Inc ACT88430 Datasheet HTML 46Page - Qorvo, Inc ACT88430 Datasheet HTML 47Page - Qorvo, Inc ACT88430 Datasheet HTML 48Page - Qorvo, Inc ACT88430 Datasheet HTML 49Page - Qorvo, Inc ACT88430 Datasheet HTML 50Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
46 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
Startup
LDO2
VIN
Buck4
LDO1
CMI 101 Startup
LDO3
PWREN
nRESET_AUX1
BUCK1
BUCK2
BUCK3
SLEEP Mode
Pull PWREN high to operate in ACTIVE mode. Pull PWREN low to operate in SLEEP. Outputs Buck4, LDO1/2/3 are on
in ACTIVE mode and off in SLEEP mode.
DVS Mode
GPIO is the DVS control input. When GPIO = H, the VSET0 register controls the buck converter output voltages. When
GPIO = L the VSET1 register controls the buck converter output voltages. Note that the default VSET0 and VSET1
settings are the same for each buck converter except Buck4. Buck 4 operates at 1.2V in ACTIVE mode and at 1.1V
when DVS is activated.
POK Thresholds
POK_UV = 2.8V
POK_OV = 5.5V
PG
The PG pin is triggered by Buck1.
POK
The POK pin is functional with CMI 101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com