Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 10Page - Qorvo, Inc ACT88430 Datasheet HTML 11Page - Qorvo, Inc ACT88430 Datasheet HTML 12Page - Qorvo, Inc ACT88430 Datasheet HTML 13Page - Qorvo, Inc ACT88430 Datasheet HTML 14Page - Qorvo, Inc ACT88430 Datasheet HTML 15Page - Qorvo, Inc ACT88430 Datasheet HTML 16Page - Qorvo, Inc ACT88430 Datasheet HTML 17Page - Qorvo, Inc ACT88430 Datasheet HTML 18Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
14 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
Below ILIMSET = 11
-15%
-25%
-35%
Internal High Side Peak Current
Limit IRQ Signal Deglitch Time
16 consecutive clocks at 2.25MHz
6.78
7.11
7.44
µs
PMOS On-Resistance
ISW = -1A, VIN_B1 = 3.3V
0.025
0.040
Ω
NMOS On-Resistance
ISW = 1A, VIN_B1 = 3.3V
0.025
0.045
Ω
SW Leakage Current – NMOS
VIN_B1 = 5.5V, VSW = 5.5V
12.5
µA
SW Leakage Current – PMOS
VIN_B1 = 5.5V, VSW = 0V
1
µA
Dynamic Voltage Scaling Rate
B1_SLEW=00
B1_SLEW=01
B1_SLEW=10
B1_SLEW=11
Not allowed
14.0
3.50
0.88
mV/µs
Switching Rise / Fall Times
VIN_B1 = 5V
B1_DRVADJ=00
B1_DRVADJ=01
B1_DRVADJ=10
B1_DRVADJ=11
3.5/5.6
2.8/4.5
2.5/3.6
2.3/3.0
ns
Output Pull Down Resistance
Enabled when regulator disabled
2.75
4.4
8.75
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com