Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 45 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 45 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 41Page - Qorvo, Inc ACT88430 Datasheet HTML 42Page - Qorvo, Inc ACT88430 Datasheet HTML 43Page - Qorvo, Inc ACT88430 Datasheet HTML 44Page - Qorvo, Inc ACT88430 Datasheet HTML 45Page - Qorvo, Inc ACT88430 Datasheet HTML 46Page - Qorvo, Inc ACT88430 Datasheet HTML 47Page - Qorvo, Inc ACT88430 Datasheet HTML 48Page - Qorvo, Inc ACT88430 Datasheet HTML 49Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
45 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
CMI OPTIONS
This section provides the basic default configuration settings for each available ACT88430 CMI option. IC functionality
in this section supersedes functionality in the main datasheet. Generating the desired functionality for a custom CMI
sometimes requires reassigning internal resources, resulting in removal of base IC functionality. The following sections
attempt to describe any removed functionality from the base IC functionality. The user is required to fully test all required
functionality to ensure the CMI fully meets their requirements.
CMI 101: ACT88430QJ101-T
CMI 101 is optimized for the HiSilicon Hi3519 video processor. It is designed to operate from a 3V to 5V input voltage.
Voltage and Currents
Startup and Sequencing
Rail
Sequence Order
Sequencing Input Trigger
StartUp Delay (us)
Soft-Start (us)
LDO1
1
PWREN
41
200
Buck4
1
PWREN
41
200
LDO2
1
PWREN
41
200
LDO3
1
PWREN
41
200
Buck1
2
RESET_AUX1 AND PWREN
41
323
Buck2
2
RESET_AUX1 AND PWREN
41
200
Buck3
2
RESET_AUX1 AND PWREN
41
126
Rail
Active Mode
Voltage
VSET0 (V)
DVS Voltage
VSET1(V)
DVS Voltage
Trigger
Sleep Mode
Voltage (V)
Current Limit
(A)
Fsw (kHz)
Buck1
0.95
0.95
n/a
0
4
1125
Buck2
0.95
0.95
n/a
0
2.5
1125
Buck3
0.95
0.95
n/a
0
2.5
1125
Buck4
1.2
1.1
GPIO
1.2
2.5
1125
LDO1
1.8
n/a
n/a
1.8
0.8
n/a
LDO2
1.8
n/a
n/a
1.8
0.2
n/a
LDO3
2.5
n/a
n/a
2.5
0.2
n/a
EXT_EN
n/a
n/a
n/a
n/a
n/a
n/a
EXT_PG
n/a
n/a
n/a
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com