Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 9Page - Qorvo, Inc ACT88430 Datasheet HTML 10Page - Qorvo, Inc ACT88430 Datasheet HTML 11Page - Qorvo, Inc ACT88430 Datasheet HTML 12Page - Qorvo, Inc ACT88430 Datasheet HTML 13Page - Qorvo, Inc ACT88430 Datasheet HTML 14Page - Qorvo, Inc ACT88430 Datasheet HTML 15Page - Qorvo, Inc ACT88430 Datasheet HTML 16Page - Qorvo, Inc ACT88430 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
13 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
BUCK1 ELECTRICAL CHARACTERISTICS, REGULATOR:
(VIN_B1 = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
Output Voltage Range
Configured for 9.375mV steps
0.6
3.0
V
Configured for 12.5mV steps
0.8
4.0
Maximum Output Current
4
A
Supply Current, Standby
Low Power Mode Enabled
Regulator Only, No Load (VOUT = VSET*1.05)
50
µA
Supply Current, Shutdown
Regulator Disabled
0.1
1
µA
Output Voltage Accuracy – PWM
Default output voltage, IOUT = 2A
-1%
VNOM
1%
V
Output Voltage Accuracy - PFM
Default output voltage, IOUT = 1mA,
Average Ripple Voltage
-1%
VNOM
1%
V
Line Regulation
Default output voltage, VIN_B1 = 3.3V to 5.5V,
PWM mode
0.02
%/V
Load Regulation
Default output voltage, PWM Mode
0.04
%/A
Power Good Threshold
VOUT_B1 Rising
92
93
94
%V
NOM
Power Good Hysteresis
VOUT_B1 Falling
3
%V
NOM
Overvoltage Fault Threshold
VOUT_B1 Rising
107.5
110
112.5
%V
NOM
Overvoltage Fault Hysteresis
VOUT_B1 Falling
3
%V
NOM
Switching Frequency
VOUT_B1
≥ 20% of VNOM
2.15
2.25
2.36
MHz
1.075
1.125
1.18
Soft-Start Period – Programmable
Range
Configurable in 50us Steps
10% to 90% VNOM
150
300
485
µs
Soft-Start Period
Variation from set point
-25
+25
%
Internal High Side Peak Current
Limit (Cycle-by-Cycle) ILIMSET
B1_ILIMSET=00
B1_ILIMSET=01
B1_ILIMSET=10
B1_ILIMSET=11
5.3
4.6
3.8
3.0
A
Internal High Side Peak Current
Limit (Cycle-by-Cycle) Tolerance
At default ILIMSET
-10%
ILIMSET
+10%
At other set points
-15%
ILIMSET
+15%
Internal High Side Peak Current
Limit, Shutdown Level
Above ILIMSET = 00
+15%
+22.5%
+30%
Above ILIMSET = 01
+15%
+22.5%
+30%
Above ILIMSET = 10
+15%
+22.5%
+30%
Above ILIMSET = 11
+12.5%
+22.5%
+32.5%
Internal High Side Peak Current
Limit, IRQ Triggered Level
Below ILIMSET = 00
-17.5%
-25%
-32.5%
Below ILIMSET = 01
-17.5%
-25%
-32.5%
Below ILIMSET = 10
-17.5%
-25%
-32.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com