Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 35 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 35 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc ACT88430 Datasheet HTML 33Page - Qorvo, Inc ACT88430 Datasheet HTML 34Page - Qorvo, Inc ACT88430 Datasheet HTML 35Page - Qorvo, Inc ACT88430 Datasheet HTML 36Page - Qorvo, Inc ACT88430 Datasheet HTML 37Page - Qorvo, Inc ACT88430 Datasheet HTML 38Page - Qorvo, Inc ACT88430 Datasheet HTML 39Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
35 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
Register
Bit
Setting
Range
Buck1
0x74h
SEL_REF0P
8_BUCK1
0
Output-
Low
1
Output-
High
Buck2
0x72h
SEL_REF0P
8_BUCK2
0
Output-
Low
1
Output-
High
Buck3
0x89h
SEL_REF0P
8_BUCK3
0
Output-
Low
1
Output-
High
Buck4
n/a
n/a
n/a
Output-
High
The programming range for Output-Low is 0.6V to
3.000V in 9.375mV steps.
VBUCKx = 0.6V + VOUTx * 0.009375V
Where VOUTx is the decimal equivalent of the value
in each regulator’s I2C VOUTx register. The VOUTx
registers contain an unsigned 8-bit binary value. As an
example,
if
Buck
1’s
VOUT0
register
contains
10000000b (128 decimal), the output voltage is 1.8V.
The programming range for Output-High is 0.8V to
3.988V in 12.5mV steps.
VBUCKx = 0.8V + VOUTx * 0.0125V
Where VOUTx is the decimal equivalent of the value
in each regulator’s I2C VOUTx register. The VOUTx
registers contain an unsigned 8-bit binary value. As an
example,
if
Buck
1’s
VOUT0
register
contains
01010000b (80 decimal), the output voltage is 1.8V.
Qorvo recommends that a buck converter’s output volt-
age be kept within +/- 25% of the default output
voltage to maintain accuracy. Voltage changes larger
than +/- 25% may require different factory trim settings
(new CMI) to maintain accuracy.
100% Duty Cycle Operation
The buck regulators are capable of operating at up to
100% duty cycle. During 100% duty cycle operation, the
high-side power MOSFETs are held on continuously,
providing a direct connection from the input to the output
(through the inductor), ensuring the lowest possible
dropout voltage in battery powered applications.
Dynamic Voltage Scaling
Each buck converter supports Dynamic Voltage Scaling
(DVS). DVS allows the user to optimize the processor’s
energy to complete tasks by lowering the processor’s
operating frequency and input voltage when lower
performance is acceptable. In normal operation, each
output regulates to the voltage programmed in the I2C
register Bx_VSET0. During DVS, each output regulates
to Bx_VSET1. The output transitions from Bx_VSET0
to Bx_VSET1 at a rate determined by the output
capacitance and the load current. The outputs transition
between VSET1 and VSET0 by the rate determined by
the I2C bits SLEW.
For fault free operation, the user must ensure output
load conditions plus the current required to charge
the output capacitance during a DVS rising voltage
condition does not exceed the current limit setting of the
regulator. As with any power supply, changing an output
voltage too fast can require a current higher than the
current limit setting. The user must ensure that the
voltage step, slew rate, and load current conditions do
not result in an instantaneous loading that results in a
current limit condition.
Enter DVS by programming register 0x00h bit1
(DVS_EN) = 1 and then pulling the EXT_EN pin high.
Note that some CMI configurations may not require
DVS_EN = 1 and may use different input pins.
Bx_VSET0
must
be
higher
than
Bx_VSET1.
PWR_GOOD, OV, and ILIM are automatically masked
during DVS transitions to avoid asserting nRESET.
Optimizing Noise
Each buck converter contains several features available
via I2C to further optimize functionality. The top P-ch
FET’s turn-on timing can be shifted 100ns from the
master clock edge via the PHASE_DELAY I2C bit. It can
also be aligned to the rising or falling clock edge via the
PHASE I2C bit. The internal FET rise and fall times can
be optimized to minimize switching noise at the cost of
lower efficiency via the DRVADJ I2C bit.
Overcurrent and Short Circuit Protection
Each buck converter provides overcurrent and short
circuit protection. Overcurrent protection is achieved
with cycle-by-cycle current limiting. The peak current
threshold is set by the Bx_ILIM I2C bits. If the peak
current reaches the programmed threshold for 16
consecutive switching cycles, the IC asserts IRQ low. A
short circuit condition that results in the peak switch
current being 122% of Bx_ILIMSET immediately shuts
down all supplies, asserts IRQ low and restarts the
system in 100ms. If a buck converter reaches
overcurrent or short circuit protection, the status is
reported in the ILIM_REG[x] I2C registers. The contents
of these registers are latched until read via I2C.
Overcurrent and short circuit conditions can be masked
via the I2C bit Bx_ILIM_FLTMSK.
Compensation
The buck converters utilize current-mode control
and a proprietary internal compensation scheme to
simultaneously simplify external component selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com